Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WFF634 Datasheet(PDF) 1 Page - Wisdom technologies Int`l

Part # WFF634
Description  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISDOM [Wisdom technologies Int`l]
Direct Link  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

WFF634 Datasheet(HTML) 1 Page - Wisdom technologies Int`l

  WFF634 Datasheet HTML 1Page - Wisdom technologies Int`l WFF634 Datasheet HTML 2Page - Wisdom technologies Int`l WFF634 Datasheet HTML 3Page - Wisdom technologies Int`l WFF634 Datasheet HTML 4Page - Wisdom technologies Int`l WFF634 Datasheet HTML 5Page - Wisdom technologies Int`l WFF634 Datasheet HTML 6Page - Wisdom technologies Int`l WFF634 Datasheet HTML 7Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
●
●
●
▲
◀
●
●
●
▲
◀
Absolute Maximum Ratings (* Drain current limited by junction temperature)
Symbol
Parameter
Value
Units
VDSS
Drain to Source Voltage
250
V
ID
Continuous Drain Current(@TC = 25°C)
8.1*
A
Continuous Drain Current(@TC = 100°C)
5.1*
A
IDM
Drain Current Pulsed
(Note 1)
32.4*
A
VGS
Gate to Source Voltage
±25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
200
mJ
EAR
Repetitive Avalanche Energy
(Note 1)
7.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Total Power Dissipation(@TC = 25 °C)
38
W
Derating Factor above 25 °C
0.3
W/°C
TSTG, TJ
Operating Junction Temperature & Storage Temperature
- 55 ~ 150
°C
TL
Maximum Lead Temperature for soldering purpose,
1/8 from Case for 5 seconds.
300
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
Min.
Typ.
Max.
RθJC
Thermal Resistance, Junction-to-Case
-
-
3.29
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
-
-
62.5
°C/W
WFF634
Features
■
RDS(on) (Max 0.45 Ω )@VGS=10V
■
Gate Charge (Typical 29nC)
■
Improved dv/dt Capability, High Ruggedness
■
100% Avalanche Tested
■
Maximum Junction Temperature Range (150°C)
General Description
This Power MOSFET is produced using Wisdom’s advanced
planar stripe, DMOS technology. This latest technology has been
especially designed to minimize on-state resistance, have a high
rugged avalanche characteristics. These devices are well suited
for high efficiency switching DC/DC converters, switch mode power
supply, DC-AC converters for uninterruped power supply, motor
control.
N-Channel MOSFET
Wisdom Semiconductor
Symbol
2. Drain
3. Source
1. Gate
TO-220F
1 2
3


Similar Part No. - WFF634

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFF634 WINSEMI-WFF634 Datasheet
686Kb / 7P
Silicon N-Channel MOSFET
More results

Similar Description - WFF634

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com