Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WFF830 Datasheet(PDF) 3 Page - Wisdom technologies Int`l

Part # WFF830
Description  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WISDOM [Wisdom technologies Int`l]
Direct Link  http://www.wisdom-technologies.com/index.aspx
Logo WISDOM - Wisdom technologies Int`l

WFF830 Datasheet(HTML) 3 Page - Wisdom technologies Int`l

  WFF830 Datasheet HTML 1Page - Wisdom technologies Int`l WFF830 Datasheet HTML 2Page - Wisdom technologies Int`l WFF830 Datasheet HTML 3Page - Wisdom technologies Int`l WFF830 Datasheet HTML 4Page - Wisdom technologies Int`l WFF830 Datasheet HTML 5Page - Wisdom technologies Int`l WFF830 Datasheet HTML 6Page - Wisdom technologies Int`l WFF830 Datasheet HTML 7Page - Wisdom technologies Int`l  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
0
3
6
9
12
15
1
2
3
4
5
6
V
GS = 20V
V
GS = 10V
Note : T
J = 25℃
I
D, Drain Current [A]
246
8
10
10
-1
10
0
10
1
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 40V
2. 250µs PulseTest
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0V
10.0V
8.0V
7.0V
6.5V
6.0V
5.5V
Bottom: 5.0V
Notes :
1. 250µs PulseTest
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150℃
Notes :
1. V
GS = 0V
2. 250µs Pulse Test
25℃
V
SD, Source-Drain voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
0
4
8
1216
2024
28
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 100V
V
DS = 400V
Note : I
D = 5.0 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
300
600
900
1200
1500
1800
C
oss
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
iss
V
DS, Drain-Source Voltage [V]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com