Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM91DIMQAX Datasheet(PDF) 5 Page - OKI electronic componets

Part # LM91DIMQAX
Description  Diode Input Digital Temperature Sensor with Two-Wire Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

LM91DIMQAX Datasheet(HTML) 5 Page - OKI electronic componets

  LM91DIMQAX Datasheet HTML 1Page - OKI electronic componets LM91DIMQAX Datasheet HTML 2Page - OKI electronic componets LM91DIMQAX Datasheet HTML 3Page - OKI electronic componets LM91DIMQAX Datasheet HTML 4Page - OKI electronic componets LM91DIMQAX Datasheet HTML 5Page - OKI electronic componets LM91DIMQAX Datasheet HTML 6Page - OKI electronic componets LM91DIMQAX Datasheet HTML 7Page - OKI electronic componets LM91DIMQAX Datasheet HTML 8Page - OKI electronic componets LM91DIMQAX Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS
Unless otherwise noted, these specifications apply for V
CC=+3.0 to 3.6 Vdc. Boldface limits apply for TA =TJ =TMIN to
T
MAX; all other limits TA=TJ=+25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
LM91D
Units
(Note 6)
Limits
(Note 7)
(Limit)
SMBData, SMBCLK
V
IN(1)
Logical “1” Input Voltage
2.1
V (min)
V
IN(0)
Logical “0”Input Voltage
0.8
V (max)
I
IN(1)
Logical “1” Input Current
V
IN =VCC
0.005
1.0
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−0.005
−1.0
µA (max)
ADD0, ADD1
V
IN(1)
Logical “1” Input Voltage
V
CC
1.6
V (min)
V
IN(0)
Logical “0”Input Voltage
GND
0.5
V (max)
I
IN(1)
Logical “1” Input Current
V
IN =VCC
50
600
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN =0V
50
600
µA (max)
ALL DIGITAL INPUTS
C
IN
Input Capacitance
20
pF
ALL DIGITAL OUTPUTS
I
OH
High Level Output Current
V
OH =VCC
100
µA (max)
V
OL
SMBus Low Level Output Voltage
I
OL =3 mA
I
OL =6 mA
0.4
0.6
V (max)
SMBus DIGITAL SWITCHING CHARACTERISTICS
Unless otherwise noted, these specifications apply for V
CC=+3.0 Vdc to +3.6 Vdc, CL (load capacitance) on output lines = 80
pF. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = +25˚C, unless otherwise noted.
The switching characteristics of the LM91 fully meet or exceed the published specifications of the SMBus or I
2C bus. The fol-
lowing parameters are the timing relationships between SMBCLK and SMBData signals related to the LM91. They are not nec-
essarily the I
2C or SMBus bus specifications.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 6)
(Note 7)
(Limit)
f
SMB
SMBus Clock Frequency
400
10
kHz (max)
kHz (min)
t
LOW
SMBus Clock Low Time
10% to 10%
1.3
25
µs (min)
ms (max)
t
LOWSEXT
Cumulative Clock Low Extend Time
25
ms (max)
t
HIGH
SMBus Clock High Time
90% to 90%
0.6
µs (min)
t
R;SMB
SMBus Rise Time
10% to 90%
1
µs
t
F;SMB
SMBus Fall Time
90% to 10%
0.3
µs
t
OF
Output Fall Time
C
L = 400 pF
I
O =3 mA
250
ns (max)
t
TIMEOUT
SMBData and SMBCLK Time Low for
Reset of Serial Interface (Note 12)
25
40
ms (min)
ms (max)
t
1
SMBCLK (Clock) Period
2.5
µs (min)
t
2,
t
SU;DAT
Data In Setup Time to SMBCLK High
100
ns (min)
t
3,
t
HD;DAT
Data Out Stable after SMBCLK Low
0
0.9
ns (min)
µs (max)
t
4,
t
HD;STA
SMBData Low Setup Time to SMBCLK
Low
100
ns (min)
t
5,
t
SU;STO
SMBData High Delay Time after SMBCLK
High (Stop Condition Setup)
100
ns (min)
t
6,
t
SU;STA
SMBus Start-Condition Setup Time
0.6
µs (min)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com