Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-ST230S08VPBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VS-ST230S08VPBF
Description  Phase Control Thyristors (Stud Version), 230 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST230S08VPBF Datasheet(HTML) 7 Page - Vishay Siliconix

  VS-ST230S08VPBF Datasheet HTML 1Page - Vishay Siliconix VS-ST230S08VPBF Datasheet HTML 2Page - Vishay Siliconix VS-ST230S08VPBF Datasheet HTML 3Page - Vishay Siliconix VS-ST230S08VPBF Datasheet HTML 4Page - Vishay Siliconix VS-ST230S08VPBF Datasheet HTML 5Page - Vishay Siliconix VS-ST230S08VPBF Datasheet HTML 6Page - Vishay Siliconix VS-ST230S08VPBF Datasheet HTML 7Page - Vishay Siliconix VS-ST230S08VPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 05-Mar-12
1
Document Number: 95082
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TO-209AB (TO-93)
DIMENSIONS in millimeters (inches)
Note
(1) For metric device: M16 x 1.5 - length 21 (0.83) maximum
Fast-on terminals
White shrink
Red shrink
Red cathode
Red silicon rubber
C.S. 0.4 mm
2
(0.0006 s.i.)
4.3 (0.17) DIA.
19 (0.75) MAX.
8.5 (0.33) DIA.
Glass metal seal
28.5 (1.12) MAX. DIA.
SW 32
C.S. 25 mm
2
(0.039 s.i.)
Flexible leads
4 (0.16) MAX.
35 (1.38) MAX.
3/4"-16UNF-2A
(1)
27.5 (1.08) MAX.
White gate
White shrink
Red shrink
Red cathode
Red silicon rubber
C.S. 0.4 mm
2
(0.006 s.i.)
Ceramic housing
4.3 (0.17) DIA.
19 (0.75) MAX.
8.5 (0.33) DIA.
35 (1.38) MAX.
3/4"-16UNF-2A
(1)
27.5 (1.08) MAX.
SW 32
27.5 (1.08) MAX. DIA.
White gate
AMP. 280000-1
REF-250
C.S. 25 mm
2
(0.039 s.i.)
Flexible leads
4 (0.16) MAX.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com