Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BXEM-27C0130-R-30D Datasheet(PDF) 18 Page - Bridgelux, Inc.

Part # BXEM-27C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-27C0130-R-30D Datasheet(HTML) 18 Page - Bridgelux, Inc.

Back Button BXEM-27C0130-R-30D Datasheet HTML 14Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 15Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 16Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 17Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 18Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 19Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 20Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 21Page - Bridgelux, Inc. BXEM-27C0130-R-30D Datasheet HTML 22Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Performance Curves
16
Notes for Figure 6:
1. Characteristics shown for warm white based on 3000K and 80 CRI.
2. Characteristics shown for neutral white based on 4000K and 80 CRI.
3. Characteristics shown for cool white based on 5000K and 70 CRI.
4. For other color SKUs, the shift in color will vary. Please contact your Bridgelux Sales Representative for more information.
Figure 6: Typical DC ccx Shift vs. Solder Point Temperature
-0.015
-0.012
-0.009
-0.006
-0.003
0.000
0
25
50
75
100
125
Solder Point Temperature (°C)
Warm White
Neutral White
Cool White
25°C Pulsed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com