Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BXEM-30C0130-R-30D Datasheet(PDF) 12 Page - Bridgelux, Inc.

Part # BXEM-30C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-30C0130-R-30D Datasheet(HTML) 12 Page - Bridgelux, Inc.

Back Button BXEM-30C0130-R-30D Datasheet HTML 8Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 9Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 10Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 11Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 12Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 13Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 14Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 15Page - Bridgelux, Inc. BXEM-30C0130-R-30D Datasheet HTML 16Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
10
Absolute Maximum Ratings
Notes for Table 5:
1. Bridgelux recommends a maximum duty cycle of 10% and pulse width of 10 ms when operating LED SMD at maximum peak pulsed current
specified. Maximum peak pulsed currents indicate values where LED SMD can be driven without catastrophic failures.
2. Light emitting diodes are not designed to be driven in reverse voltage and will not produce light under this condition. Maximum rating provided for
reference only.
Parameter
Maximum Rating
LED Junction Temperature (T
j)
125°C
Storage Temperature
-40°C to +100°C
Operating Solder Point Temperature (T
Sp)
-40°C to +100°C
Soldering Temperature
260°C or lower for a maximum of 10 seconds
Maximum Drive Current
240mA
Maximum Peak Pulsed Forward Current1
480mA
Maximum Reverse Voltage2
-10V
Moisture Sensitivity Rating
MSL 3
Electrostatic Discharge
2kV HBM. JEDEC-JS-001-HBM and JEDEC-JS-001-2012
Table 5: Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com