Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N7002EQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2N7002EQ
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002EQ Datasheet(HTML) 2 Page - Diodes Incorporated

  2N7002EQ Datasheet HTML 1Page - Diodes Incorporated 2N7002EQ Datasheet HTML 2Page - Diodes Incorporated 2N7002EQ Datasheet HTML 3Page - Diodes Incorporated 2N7002EQ Datasheet HTML 4Page - Diodes Incorporated 2N7002EQ Datasheet HTML 5Page - Diodes Incorporated 2N7002EQ Datasheet HTML 6Page - Diodes Incorporated 2N7002EQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2N7002EQ
Document number: DS42859 Rev. 2 - 2
2 of 7
www.diodes.com
November 2020
© Diodes Incorporated
2N7002EQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
292
233
mA
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
334
267
mA
Maximum Body Diode Forward Current (Note 6)
IS
334
mA
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
1
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
0.5
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
244
°C/W
Power Dissipation (Note 6)
PD
0.7
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
186
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 10µA
Zero Gate Voltage Drain Current
IDSS
1.0
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1.0
2.5
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
1.3
1.6
3
4
Ω
VGS = 10V, ID = 250mA
VGS = 4.5V, ID = 200mA
Diode Forward Voltage
VSD

0.8
1.5
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
35
pF
VDS = 30V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
4.4
pF
Reverse Transfer Capacitance
Crss
2.8
pF
Gate Resistance
Rg

188
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg

0.3
nC
VDS = 30V, ID = 250mA
Total Gate Charge (VGS = 10V)
Qg

0.5
nC
Gate-Source Charge
Qgs

0.1
nC
Gate-Drain Charge
Qgd

0.1
nC
Turn-On Delay Time
tD(ON)

5

ns
VDD = 30V, VGS = 10V,
Rg = 25Ω, ID = 200mA
Turn-On Rise Time
tR

2

Turn-Off Delay Time
tD(OFF)

26

Turn-Off Fall Time
tF

13

Reverse Recovery Time
tRR

18

ns
IF = 1A, di/dt = 100A/µs
Reverse Recovery Charge
QRR

8.6

nC
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com