Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KTB8331M Datasheet(PDF) 22 Page - Kinetic Technologies.

Part # KTB8331M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

KTB8331M Datasheet(HTML) 22 Page - Kinetic Technologies.

Back Button KTB8331M Datasheet HTML 17Page - Kinetic Technologies. KTB8331M Datasheet HTML 18Page - Kinetic Technologies. KTB8331M Datasheet HTML 19Page - Kinetic Technologies. KTB8331M Datasheet HTML 20Page - Kinetic Technologies. KTB8331M Datasheet HTML 21Page - Kinetic Technologies. KTB8331M Datasheet HTML 22Page - Kinetic Technologies. KTB8331M Datasheet HTML 23Page - Kinetic Technologies. KTB8331M Datasheet HTML 24Page - Kinetic Technologies. KTB8331M Datasheet HTML 25Page - Kinetic Technologies.  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 22 of 25
Kinetic Confidential
Applications Information
Recommended Inductors
The KTB8331 is trimmed for inductors with nominal inductance of 330nH or 470nH. Select an inductor with a
saturation current rating that is higher than the KTB8331 peak current limit. Also, choose an inductor with
sufficient temperature-rise current rating to satisfy the RMS load-current of the application. Consider the
inductor’s resistance (both DCR and ACR at 2.4MHz), since these will affect the efficiency. (Generally, the ACR
vs. frequency characteristic is available upon request from the inductor supplier.) Larger physical case-sizes,
good winding designs, and better magnetic materials can increase efficiency. Typically, metric 2012 and 2016
case-sizes are suitable. Table 1 is a list of recommended inductors from two leading suppliers.
Table 1. Recommended Inductors
Maker
Part #
L (typ)
DCR (typ)
ISAT (min)
I∆T+40C (min)
Size (typ/typ/max)
Murata
DFE201210U-R33M
DFE201210U-R47M
330nH
470nH
25m
Ω
34m
Ω
5.2A
4.4A
3.4A
3.0A
2.0 x 1.2 x 1.0mm
Murata
DFE201610E-R33M
DFE201610E-R47M
330nH
470nH
21m
Ω
26m
Ω
5.5A
4.8A
4.0A
3.6A
2.0 x 1.6 x 1.0mm
Murata
DFE201612E-R33M
DFE201612E-R47M
330nH
470nH
15m
Ω
20m
Ω
6.3A
5.5A
4.8A
4.5A
2.0 x 1.6 x 1.2mm
Samsung E-M
CIGT201208EHR47MNE
470nH
31m
Ω
4.1A
3.7A
2.0 x 1.25 x 0.8mm
Samsung E-M
CIGT201210UHR33MNE
CIGT201210UHR47MNE
330nH
470nH
21m
Ω
25m
Ω
5.4A
4.9A
4.0A
3.6A
2.0 x 1.25 x 1.0mm
Samsung E-M
CIGT201608EHR47MNE
470nH
24m
Ω
4.3A
4.3A
2.0 x 1.6 x 0.8mm
Samsung E-M
CIGW201610GHR33MLE
CIGW201610GLR47MLE
CIGT201610EHR47MNE
330nH
470nH
470nH
18m
Ω
21m
Ω
18mΩ
5.5A
5.0A
5.5A
4.0A
4.7A
4.8A
2.0 x 1.6 x 1.0mm
Recommended Capacitors
Ceramic input and output capacitors with X5R or X6S are recommended due to their low ESR, low ESL, low
temperature coefficients, and small physical sizes. Consider the voltage rating, size, and DC bias derating
characteristic of the capacitor. Table 2 is a list of recommended capacitors from two leading suppliers.
Table 2. Recommended Capacitors
Maker
Part #
C (typ)
CEFF(3V)
VRATING
TCHAR
Size
Murata
GRM155R60J106ME
GRM155R60J156ME
GRM155R60G226ME
GRM155R60J226ME
10µF
15µF
22µF
22µF
3.5µF
5µF
7µF
7µF
6.3V
6.3V
4.0V
6.3V
X5R
(0402) 1.0 x 0.5mm
Murata
GRM188R60G226ME
GRM188R60J226ME
22µF
22µF
9µF
9µF
4.0V
6.3V
X5R
(0603) 1.6 x 0.8mm
Samsung E-M
CL05A106MQ5
CL05A156MQ5
10µF
15µF
4µF
6µF
6.3V
6.3V
X5R
(0402) 1.0 x 0.5mm
Samsung E-M
CL10A226MQ8
CL10A476MQ8
22µF
47µF
11µF
14µF
6.3V
6.3V
X5R
(0603) 1.6 x 0.8mm
Input Capacitor
Choose an input capacitor with voltage rating of 6.3V or more, 10uF total nominal capacitance or more, and
1005M (0402) case-size or larger. Larger values and larger case-size provide more effective capacitance when
considering the DC bias derating characteristic of the capacitor.
If the application’s input voltage is supplied
through a connector or a cable, add additional bypass/bulk capacitance where VIN first arrives to the PCB.
Output Capacitors
Choose output capacitors with voltage rating of 4.0V or more, 20uF total nominal capacitance or more, and
1005M (0402) case-size or larger. Consider the VOUT setting of the regulator and how case size has a significant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com