Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RX4M-HCS Datasheet(PDF) 1 Page - AUREL S.p.A.

Part # RX4M-HCS
Description  High Selectivity Receiver with HCS(1) Decoder Embedded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUREL [AUREL S.p.A.]
Direct Link  https://www.aurelwireless.com/
Logo AUREL - AUREL S.p.A.

RX4M-HCS Datasheet(HTML) 1 Page - AUREL S.p.A.

  RX4M-HCS Datasheet HTML 1Page - AUREL S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PR
IM
NA
R
EL
I
Y
Description
Descrizione
Technical Specification
Ta = 25 °C
RX 4M-HCS
39,5
2.54
0.5
0.25
7
5
AUREL S.p.A. • Via Foro dei Tigli, 4 • I 47015 Modigliana (FC) Italy • Phone : +39-0546.941124 • Fax : +39-0546.941660 • www.aurelwireless.com
Date: 11-09-2006 / Rev. A
W I R E L E S S
This information may be subject to revision without notice. AUREL makes no warranty and assumes no liability in connection with any use of this information.
Variazioni senza preavviso delle presenti informazioni non implicano responsabilità da parte AUREL. L'acquirente assume ogni responsabilità derivante dall'uso del prodotto.
(1)
High Selectivity Receiver with HCS Decoder Embedded
High sensitivity receiver with HCS
decoder embedded.
Its monostable and bistable modes and
the open collector outputs make it an
ideal solution for remote controlling
devices like gate door openers, burglar
alarm systems and whatever
application requiring HCS decoding
feature.
Ricevitore ad elevata selettività con
decodifica HCS integrata.
La modalità monostabile, bistabile e la
presenza di uscite di tipo open
collector, lo rendono ideale come
elemento di controllo in apparati tipo
apricancello, antifurto e genericamente
in applicazione ove richiesta la codifica
del canale.
Characteristics
Min
Typ
Max
Unit
Supply Voltage
Supply Current
Reception frequency
(2)
RF sensitivity
IF Bandwidth - 3dB
Interferance rejection at ± 10 Mhz
Square wave output
Antenna RF emission
Switch-on time
Operating temperature range
Open collector output
Vdc
mA
MHz
dBm
KHz
dB
KHz
dB
sec
°C
mA
5
3
433.92
(2)
-106
600
2
4.75
-103
60
-20
5.25
5
-107
3
- 60
2
+80
100
Corrente Assorbita
Alimentazione
Frequenza di ricezione
(2)
Sensibilità RF
Banda passante IF a - 3dB
Reiezione alle Interferenze a ± 10 Mhz
Onda quadra in uscita
Emissioni RF spurie in antenna
Tempo di accensione
Temperatura di lavoro
Uscita Open collector
Outline
(1)
(2)
HCS is Trade Mark of Microchip
RF generator with 100% modulation
2
15
xx-xx
RX 4M-HCS
Pin-out
2) Ground
3) Antenna
7) Ground
8) Test point - Analog Out RX
9) Programming push-button
10) Out Ch1 - Open collector
11) Out Ch2 - Open collector
12) Out Ch3 - Open collector
13) Out Ch4 - Open collector
14) LED
15) +V
-
106dBm(2)
(1)
HCS
xx-xx
RX 4M-HCS
ANTENNA
LOADS
VCC


Similar Part No. - RX4M-HCS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RX400 SEMTECH-RX400 Datasheet
736Kb / 7P
Low-Power 5G RedCap and Wi-Fi 6 Connectivity in an Ultra-Rugged and Compact Router for Remote Assets Operating in Harsh Environments
2026.01.27
logo
NTE Electronics
RX401-16 NTE-RX401-16 Datasheet
120Kb / 7P
MATERIAL SAFETY DATA SHEET
logo
Richco, Inc.
RX4040-0 RICHCO-RX4040-0 Datasheet
70Kb / 1P
CABLE & FIBER MANAGEMENT
RX4040-4 RICHCO-RX4040-4 Datasheet
70Kb / 1P
CABLE & FIBER MANAGEMENT
logo
Synology Inc.
RX410 SYNOLOGY-RX410 Datasheet
409Kb / 1P
Synology RX410
More results

Similar Description - RX4M-HCS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7541 STMICROELECTRONICS-TDA7541 Datasheet
872Kb / 76P
AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
15-Jan-2008
logo
Infineon Technologies A...
SDA6000 INFINEON-SDA6000 Datasheet
2Mb / 380P
Teletext Decoder with Embedded 16-bit Controller
Version 2.1, June 2000
logo
STMicroelectronics
TDA7540N STMICROELECTRONICS-TDA7540N Datasheet
1Mb / 76P
AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
12-Nov-2007
TDA7541B STMICROELECTRONICS-TDA7541B Datasheet
935Kb / 77P
AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
22-Jul-2009
logo
Oscilent Corporation
774-60M OSCILENT-774-60M Datasheet
133Kb / 2P
High Selectivity Type
logo
List of Unclassifed Man...
CMT2250AW-EQR ETC2-CMT2250AW-EQR Datasheet
355Kb / 4P
300 ??480 MHz OOK Receiver with Decoder
CMT2251AW-EQR ETC2-CMT2251AW-EQR Datasheet
303Kb / 3P
300 ??480 MHz OOK Receiver with Decoder and 1 PWM Output
logo
STMicroelectronics
S2-LP STMICROELECTRONICS-S2-LP Datasheet
3Mb / 90P
Excellent receiver selectivity and blocking
08-Nov-2016
logo
Abracon Corporation
AFS20A15-2017.50-T2 ABRACON-AFS20A15-2017.50-T2 Datasheet
2Mb / 4P
Excellent selectivity with high out-of-band rejection
07.24.12
AFS20A53-1575.42-T2 ABRACON-AFS20A53-1575.42-T2 Datasheet
1Mb / 3P
Excellent selectivity with high out-of-band rejection
05.21.12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com