Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DPO2036DBB-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DPO2036DBB-7
Description  4-CH OVER-VOLTAGE PROTECTION FOR CC/SBU PINS ON USB TYPE-C
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPO2036DBB-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DPO2036DBB-7 Datasheet HTML 1Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 2Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 3Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 4Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 5Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 6Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 7Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 8Page - Diodes Incorporated DPO2036DBB-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DPO2036
Document number: DS40644 Rev. 2 - 2
4 of 14
www.diodes.com
July 2020
© Diodes Incorporated
DPO2036
Absolute Maximum Ratings (@ TA = +25°C, unless otherwise specified.) (Note 4)
Symbol
Parameter
Rating
Unit
VVSYS
Voltage Range of VSYS Pin
-0.3 to 6.0
V
VFAULTB
Voltage Range of FAULTB Pin
-0.3 to 6.0
V
VSBUxS, VCCxS
Voltage Range of SBU1S, SBU2S, CC1S, CC2S Pins
-0.3 to 6.0
V
VSBUxC, VCCxC
Voltage Range of SBU1C, SBU2C, CC1C, CC2C Pins
-0.3 to 24.0
V
TJ
Operating Junction Temperature
-40 to +125
°C
TL
Lead Temperature
+260
°C
TSTG
Storage Temperature
-65 to +150
°C
ESD
Human Body Model (HBM), JESD22-A114
±2.0
kV
Charge Device Model (CDM), JESD22-C101
±0.5
Note:
4. These are stress ratings only. Operation outside the absolute maximum ratings can cause device failure.
Operation at the absolute maximum rating for extended periods can reduce device reliability.
Package Thermal Data (@ TA = +25°C, unless otherwise specified.) (Note 5)
Symbol
Parameter
Rating
Unit
PD
Power Dissipation
1.3
W
RθJA
Thermal Resistance, Junction-to-Ambient
96
°C/W
RθJC
Thermal Resistance, Junction-to-Case
26
°C/W
Note:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1
”
 1” copper pad layout.
Recommended Operating Conditions (@ TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VVSYS
Input Supply Voltage at VSYS Pin
2.7
5.5
V
VFAULTB
Power Rail for Pull-up on FAULTB Pin
2.7
5.5
V
VCCxC,
VCCxS
I/O Voltage at CC1C, CC2C, CC1S, CC2S Pins
-0.25
5.5
V
VSBUxC, VSBUxS
I/O Voltage at SBU1C, SBU2C, SBU1S, SBU2S Pins
-0.25
4.2
V
IVCONN
Output Current Flowing Into CCxS and out of CCxC, with VCCxS – VCCxC ≤
250mV
—
600
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com