Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3PCIE3442AZHEX Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI3PCIE3442AZHEX
Description  3.3V PCI Express® 3.0 2-Lane Exchange Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3PCIE3442AZHEX Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI3PCIE3442AZHEX Datasheet HTML 6Page - Diodes Incorporated PI3PCIE3442AZHEX Datasheet HTML 7Page - Diodes Incorporated PI3PCIE3442AZHEX Datasheet HTML 8Page - Diodes Incorporated PI3PCIE3442AZHEX Datasheet HTML 9Page - Diodes Incorporated PI3PCIE3442AZHEX Datasheet HTML 10Page - Diodes Incorporated PI3PCIE3442AZHEX Datasheet HTML 11Page - Diodes Incorporated PI3PCIE3442AZHEX Datasheet HTML 12Page - Diodes Incorporated PI3PCIE3442AZHEX Datasheet HTML 13Page - Diodes Incorporated PI3PCIE3442AZHEX Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
www.diodes.com
May 2019
Diodes Incorporated
PI3PCIE3442A
Document Number DS40127 Rev 2-2
PI3PCIE3442A
A product Line of
Diodes Incorporated
17-0681
Packaging Mechanical: 40-TQFN (3x6mm) (ZL)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- andAntimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
4. E = Pb-free and Green
5. X suffix = Tape/Reel
For latest package info.
please check: http://www.diodes.com/design/support/packaging/pericom-packaging/packaging-mechanicals-and-thermal-characteristics/
Ordering Information
Ordering Code
Package Code
Package Description
PI3PCIE3442AZHEX
ZH
42-Contact, Very Thin Quad Flat No-Lead (TQFN)
PI3PCIE3442AZLEX
ZL
40-Contact, 3 x 6mm (TQFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com