Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3WVR31310AZLEX Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI3WVR31310AZLEX
Description  DP/HDMI 1:3 De-mux/Mux Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3WVR31310AZLEX Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI3WVR31310AZLEX Datasheet HTML 9Page - Diodes Incorporated PI3WVR31310AZLEX Datasheet HTML 10Page - Diodes Incorporated PI3WVR31310AZLEX Datasheet HTML 11Page - Diodes Incorporated PI3WVR31310AZLEX Datasheet HTML 12Page - Diodes Incorporated PI3WVR31310AZLEX Datasheet HTML 13Page - Diodes Incorporated PI3WVR31310AZLEX Datasheet HTML 14Page - Diodes Incorporated PI3WVR31310AZLEX Datasheet HTML 15Page - Diodes Incorporated PI3WVR31310AZLEX Datasheet HTML 16Page - Diodes Incorporated PI3WVR31310AZLEX Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
A product Line of
Diodes Incorporated
PI3WVR31310A
www.diodes.com
01/09/17
All trademarks are property of their respective owners.
HPD timing waveform (DEMUX mode)
HPD from selected-active port
HPD_SRC
t1 (<2ms)
t1 is the IRQ-HPD (sink) from selected-active port
Priority Setting
HPD_SRC
t3 (1s)
All Channels Hi-Z
Event of priority setting change
Low for HPDs other than HPDx. HPDx is the HPD of the only port with plugging-in
HPDx
HPD_SRC
All Channels Hi-Z
HPDx port is active
Selected port is active
Selected port is active
Selected port is active
Selected port is active
t1 (<2ms)
New selected port is active
t3 (1s)
All Channels Hi-Z
Fig 4. HPD timing t1. HPD_SRC low and the active of selected port will follow t1, if t1 further extended
less than t2 (125ms) when auto switch and manual switch
Fig 5. HPD timing t3. All channels” include DP-HDMI data, AUX, DDC, HPD and CAB_DET when auto
switch
Fig 6. HPD timing t3 when auto switch
17-0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com