Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SEN-R-1034-038 Datasheet(PDF) 1 Page - Sensitron

Part # SEN-R-1034-038
Description  TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT SERIES GLASS PASSIVATED DIE PLUS DUAL HEAT STRIPS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SEN-R-1034-038 Datasheet(HTML) 1 Page - Sensitron

  SEN-R-1034-038 Datasheet HTML 1Page - Sensitron SEN-R-1034-038 Datasheet HTML 2Page - Sensitron SEN-R-1034-038 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEN-R-1034-XXX
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA SHEET 4198, REV. -
• 221 West Industry Court • Deer Park, NY 11729-4681 • Phone (631) 586-7600 • Fax (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.c om •
TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT SERIES
GLASS PASSIVATED DIE PLUS DUAL HEAT STRIPS
FEATURES
DESCRIPTION
•
Low Profile
•
Broad Voltage Range Available - - 6.8 to 440 V
•
Broad Spectrum Transient Suppression
•
1500W Surge Capability at 1 ms
•
Built-in Heat Absorbing Terminations
•
Electrically Similar to MIL-PRF -19500/516
APPLICATIONS
• Connector I/O Surge Suppression
• Data Line Protection
This is a bipolar transient voltage suppressor
series extending from 6.8 volts to 440 volts
intended for surface mount applications.
Each device comes as a “Cell” with its own heat
absorbing
terminals
pre-bonded
at
high
temperature. This permits mounting on printed
circuit boards that cannot provide their own heat
sinking. Each terminal is silver plated and is
solderable permitting solder down attachment with
a very small footprint. Each unit is bi-symmetrical
so any orientation can be used.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
Test Conditions
Min
TYP
Max
Unit
Peak Pulse Power
Pppm
TA = 25
8C, Tp = 1 ms (Note 1)
1500
Watts
Electrical Parameters
See Table
Maximum Solder Temperature
Tmax
10 Second exposure
250
8C
Operating & Storage Tempature
Tj, Tstg
-55
175
8C
Note 1: Non-repetitive current pulse, per Fig. 3 and derated above TA = 25
8C per Fig. 2.
0.078”
0.082”
0.034”
0.040”
0.0115”
0.0155”
0.112”
0.116”
0.174”
0.178”
0.112”
0.116”
0.031”
Typ
Note: “Die only configuration requires user to provide adequate energy absorp tion.


Similar Part No. - SEN-R-1034-038

ManufacturerPart #DatasheetDescription
logo
Sensitron
SEN-R-1050-001 SENSITRON-SEN-R-1050-001 Datasheet
68Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT SERIES GLASS PASSIVATED DIE/CELL
SEN-R-1050-002 SENSITRON-SEN-R-1050-002 Datasheet
68Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT SERIES GLASS PASSIVATED DIE/CELL
SEN-R-1050-003 SENSITRON-SEN-R-1050-003 Datasheet
68Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT SERIES GLASS PASSIVATED DIE/CELL
SEN-R-1050-004 SENSITRON-SEN-R-1050-004 Datasheet
68Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT SERIES GLASS PASSIVATED DIE/CELL
SEN-R-1050-005 SENSITRON-SEN-R-1050-005 Datasheet
68Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT SERIES GLASS PASSIVATED DIE/CELL
More results

Similar Description - SEN-R-1034-038

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5555 MICROSEMI-1N5555 Datasheet
190Kb / 3P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JAN1N6042A MICROSEMI-JAN1N6042A Datasheet
202Kb / 4P
1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
JANTX1N5632A MICROSEMI-JANTX1N5632A Datasheet
204Kb / 4P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
SEN-R-956-XXX SENSITRON-SEN-R-956-XXX Datasheet
82Kb / 5P
TRANSIENT VOLTAGE SUPPRESSOR 500 WATT SERIES Glass Passivated Die Plus Dual Heat Strips
SEN-R-1050-XXX SENSITRON-SEN-R-1050-XXX Datasheet
68Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT SERIES GLASS PASSIVATED DIE/CELL
logo
Digitron Semiconductors
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
20KPA20A SMC-20KPA20A Datasheet
214Kb / 5P
GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
Sangdest Microelectroni...
20KPA SMC-20KPA Datasheet
220Kb / 5P
GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com