Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RMCS1206DT1M02-PD Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # RMCS1206DT1M02-PD
Description  High Sulfur Resistant Thick Film Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCS1206DT1M02-PD Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

  RMCS1206DT1M02-PD Datasheet HTML 1Page - Stackpole Electronics, Inc. RMCS1206DT1M02-PD Datasheet HTML 2Page - Stackpole Electronics, Inc. RMCS1206DT1M02-PD Datasheet HTML 3Page - Stackpole Electronics, Inc. RMCS1206DT1M02-PD Datasheet HTML 4Page - Stackpole Electronics, Inc. RMCS1206DT1M02-PD Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCS1206DT1M02-PD Datasheet HTML 6Page - Stackpole Electronics, Inc. RMCS1206DT1M02-PD Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev Date: 07/22/2020
6
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCS-PD Series
High Sulfur Resistant Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the
“conflict region” of the
eastern Democratic Republic of the Congo (DRC) in our products.
Recognizing that the supply chain for metals used in the
electronics industry is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and
products we supply do not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of
Dodd-Frank Act regarding Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free
and compliant with the requirements of EU
Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually
strive to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our
environment and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms
of pollution.
RoHS Compliance Status
RMCS
Sulfur Resistant Thick Film
Surface Mount Chip Resistor
SMD
YES(1)
100% Matte Sn over Ni
Always
Always
Lead-Free
Mfg. Effective Date
(Std Product Series)
Lead-Free
Effective Date
Code
(YY/WW)
Note (1): RoHS Compliant by means of exemption 7c-I.
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series
RoHS
Compliant
Lead-Free Termination
Composition
Taping Specifications
– Plastic Tape (cont.)
Size
Unit
0.079 ± 0.002
0.009 ± 0.004
0.059
0.059 ± 0.004
0.033 ± 0.006
0.157 ± 0.004
inches
2.00 ± 0.05
0.23 ± 0.10
1.50
1.50 ± 0.10
0.85 ± 0.15
4.00 ± 0.10
mm
0.079 ± 0.002
0.009 ± 0.004
0.059
0.059 ± 0.004
0.033 ± 0.006
0.157 ± 0.004
inches
2.00 ± 0.05
0.23 ± 0.10
1.50
1.50 ± 0.10
0.85 ± 0.15
4.00 ± 0.10
mm
0.079 ± 0.002
0.009 ± 0.004
0.059
0.059 ± 0.004
0.033 ± 0.006
0.157 ± 0.004
inches
2.00 ± 0.05
0.23 ± 0.10
1.50
1.50 ± 0.10
0.85 ± 0.15
4.00 ± 0.10
mm
0.079 ± 0.002
0.009 ± 0.004
0.059
0.059 ± 0.004
0.033 ± 0.006
0.157 ± 0.004
inches
2.00 ± 0.05
0.23 ± 0.10
1.50
1.50 ± 0.10
0.85 ± 0.15
4.00 ± 0.10
mm
1218
1812
ØD
ØD1
T1
P
2010
+0.004 / -0
+0.10 / -0
H
T
+0.004 / -0
+0.10 / -0
+0.004 / -0
+0.10 / -0
2512
+0.004 / -0
+0.10 / -0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com