Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RMCS2010DT1M02-PD Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # RMCS2010DT1M02-PD
Description  High Sulfur Resistant Thick Film Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCS2010DT1M02-PD Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  RMCS2010DT1M02-PD Datasheet HTML 1Page - Stackpole Electronics, Inc. RMCS2010DT1M02-PD Datasheet HTML 2Page - Stackpole Electronics, Inc. RMCS2010DT1M02-PD Datasheet HTML 3Page - Stackpole Electronics, Inc. RMCS2010DT1M02-PD Datasheet HTML 4Page - Stackpole Electronics, Inc. RMCS2010DT1M02-PD Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCS2010DT1M02-PD Datasheet HTML 6Page - Stackpole Electronics, Inc. RMCS2010DT1M02-PD Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev Date: 07/22/2020
4
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCS-PD Series
High Sulfur Resistant Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Soldering Condition
Rework temperature (hot air equipment): 350 °C, 3 to 5 seconds
Recommended reflow methods
IR, vapor phase oven, hot air oven
If reflow temperatures exceed the recommended profile, devices may not meet the performance requirements.
Packaging Specifications
0.079 ± 0.020
0.531 ± 0.039
0.827 ± 0.039
2.362 ± 0.039
0.453 ± 0.079
7.008 ± 0.079
inches
2.00 ± 0.50
13.50 ± 1.00
21.00 ± 1.00
60.00 ± 1.00
11.50 ± 2.00
178.00 ± 2.00
mm
0.079 ± 0.020
0.531 ± 0.039
0.827 ± 0.039
2.362 ± 0.039
0.453 ± 0.079
7.008 ± 0.079
inches
2.00 ± 0.50
13.50 ± 1.00
21.00 ± 1.00
60.00 ± 1.00
11.50 ± 2.00
178.00 ± 2.00
mm
0.079 ± 0.020
0.531 ± 0.039
0.827 ± 0.039
2.362 ± 0.039
0.630 ± 0.079
7.008 ± 0.079
inches
2.00 ± 0.50
13.50 ± 1.00
21.00 ± 1.00
60.00 ± 1.00
16.00 ± 2.00
178.00 ± 2.00
mm
Size
Reel Size and
Quantity
W
Unit
A
ØB
ØC
ØD
7"
7"
0603, 0805
1206, 1210
1218, 1812
2010, 2512
0402
ØM
10000
5000
4000
7"



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com