Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RMCS2010FT1M02-PD Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # RMCS2010FT1M02-PD
Description  High Sulfur Resistant Thick Film Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCS2010FT1M02-PD Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  RMCS2010FT1M02-PD Datasheet HTML 1Page - Stackpole Electronics, Inc. RMCS2010FT1M02-PD Datasheet HTML 2Page - Stackpole Electronics, Inc. RMCS2010FT1M02-PD Datasheet HTML 3Page - Stackpole Electronics, Inc. RMCS2010FT1M02-PD Datasheet HTML 4Page - Stackpole Electronics, Inc. RMCS2010FT1M02-PD Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCS2010FT1M02-PD Datasheet HTML 6Page - Stackpole Electronics, Inc. RMCS2010FT1M02-PD Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev Date: 07/22/2020
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCS-PD Series
High Sulfur Resistant Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Performance Characteristics
JIS-C-5201-1 4.8
IEC-60115-1 4.8
JIS-C-5201-1 4.13
1% and below: ±(1% + 0.05 Ω)
IEC-60115-1 4.13
2%, 5%: ±(2% + 0.1 Ω)
JIS-C-5201-1 4.18
Individual leaching area ≤ 5%
IEC-60068-2-58 8.2.1
Total leaching area ≤ 10%
JIS-C-5201-1 4.18
1% and below: ±(0.5% + 0.05 Ω)
IEC60115-1 4.18
2%, 5%: ±(1% + 0.05 Ω)
JIS-C-5201-1 4.19
1% and below: ±(0.5% + 0.05 Ω)
IEC-60115-1 4.19
2%, 5%: ±(1% + 0.1 Ω)
1% and below: ±(0.5% + 0.05 Ω)
2%, 5%: ±(1% + 0.05 Ω)
JIS-C-5201-1 4.24
1% and below: ±(1% + 0.05 Ω)
IEC-60115-1 4.24
2%, 5%: ±(2% + 0.05 Ω)
Value <1 Ω: ±(2% + 0.05 Ω)
JIS-C-5201-1 4.25
1% and below: ±(1% + 0.05 Ω)
IEC-60115-1 4.25.1
2%, 5%: ±(3% + 0.1 Ω)
Value <1 Ω: ±(3% + 0.1 Ω)
Test
Test Method
Test Condition
Test Specification
Temperature Coefficient of
Resistance (TCR)
As per specification
At 25 / -55°C and 25°C / +155°C, 25°C is the
reference temperature
70 ± 2°C, RCWV or max. working voltage,
whichever is less for 1000 hours with 1.5 hours
"ON" and 0.5 hour "OFF".
Load Life (Endurance)
2.5 times RCWV or max. overload voltage,
whichever is less for 5 seconds
Short Time Overload
Leaching
260 ± 5°C for 10 seconds
260 ± 5°C for 30 seconds
Resistance to Soldering Heat
-55°C to + 155°C, 5 cycles
Rapid Change of Temperature
The tested resistor should be immersed into
isopropyl alcohol of 20 ~ 25°C for 60 seconds.
Then the resistor is left in the room for 48 hours.
Resistance to Solvent
JIS-C-5201-1 4.29
40 ± 2°C, 90 ~ 95% R.H. RCWV or max. working
voltage whichever is less for 1000 hours with 1.5
hours "ON" and 0.5 hour "OFF"
Damp Heat with Load
Mechanical Specifications (cont.)
0.079 ± 0.008
0.049 ± 0.006
0.020 ± 0.006
0.012 ± 0.006
0.016 ± 0.006
inches
2.00 ± 0.20
1.25 ± 0.15
0.50 ± 0.15
0.30 ± 0.15
0.40 ± 0.15
mm
0.120 ± 0.004
0.063 ± 0.008
0.022 ± 0.006
0.016 ± 0.008
0.020 ± 0.008
inches
3.05 ± 0.10
1.60 ± 0.20
0.55 ± 0.15
0.40 ± 0.20
0.50 ± 0.20
mm
0.120 ± 0.004
0.098 ± 0.008
0.022 ± 0.006
0.020 ± 0.008
0.020 ± 0.008
inches
3.05 ± 0.10
2.50 ± 0.20
0.55 ± 0.15
0.50 ± 0.20
0.50 ± 0.20
mm
0.122 ± 0.004
0.181 ± 0.004
0.022 ± 0.002
0.016 ± 0.008
0.020 ± 0.008
inches
3.10 ± 0.10
4.60 ± 0.10
0.55 ± 0.05
0.40 ± 0.20
0.50 ± 0.20
mm
0.177 ± 0.004
0.122 ± 0.008
0.022 ± 0.002
0.022 ± 0.008
0.028 ± 0.008
inches
4.50 ± 0.10
3.10 ± 0.20
0.55 ± 0.05
0.55 ± 0.20
0.70 ± 0.20
mm
0.197 ± 0.008
0.098 ± 0.008
0.022 ± 0.004
0.024 ± 0.008
0.024 ± 0.008
inches
5.00 ± 0.20
2.50 ± 0.20
0.55 ± 0.10
0.60 ± 0.20
0.60 ± 0.20
mm
0.248 ± 0.008
0.126 ± 0.008
0.022 ± 0.004
0.024 ± 0.008
0.024 ± 0.008
inches
6.30 ± 0.20
3.20 ± 0.20
0.55 ± 0.10
0.60 ± 0.20
0.60 ± 0.20
mm
Unit
Body Length
Body Width
Body Height
Top Termination
Bottom Termination
L
W
H
L1
L2
RMCS2512…-PD
RMCS1206…-PD
RMCS1210…-PD
RMCS2010…-PD
RMCS1218…-PD
RMCS1812…-PD
RMCS0805…-PD
Type/Code



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com