Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VOS627AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VOS627AT
Description  Optocoupler, Phototransistor Output, AC Input, SSOP-4, Half Pitch, Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOS627AT Datasheet(HTML) 3 Page - Vishay Siliconix

  VOS627AT Datasheet HTML 1Page - Vishay Siliconix VOS627AT Datasheet HTML 2Page - Vishay Siliconix VOS627AT Datasheet HTML 3Page - Vishay Siliconix VOS627AT Datasheet HTML 4Page - Vishay Siliconix VOS627AT Datasheet HTML 5Page - Vishay Siliconix VOS627AT Datasheet HTML 6Page - Vishay Siliconix VOS627AT Datasheet HTML 7Page - Vishay Siliconix VOS627AT Datasheet HTML 8Page - Vishay Siliconix VOS627AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VOS627A
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 08-Jan-14
3
Document Number: 83475
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Fig. 3 - Test Circuit
Fig. 4 - Test Circuit and Waveforms
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 50 mA
VF
1.1
1.5
V
Reverse current
VR = 6 V
IR
0.01
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CI
7.3
pF
OUTPUT
Collector emitter leakage current
VCE = 10 V
ICEO
0.3
100
nA
Collector emitter breakdown voltage
IC = 100 μA
BVCEO
80
V
Emitter collector breakdown voltage
IE = 10 μA
BVECO
7V
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
5pF
COUPLER
Collector emitter saturation voltage
IF = 5 mA, IC = 1.25 mA
VCEsat
0.25
0.4
V
Cut-off frequency
IF = 10 mA, VCC = 5 V, RL = 100
Ω
fctr
155
kHz
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = ± 5 mA, VCE = 5 V
VOS627A
CTR
50
600
%
VOS627A-2
CTR
63
125
%
VOS627A-3
CTR
100
200
%
VOS627A-4
CTR
160
320
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Rise and fall time
IC = 2 mA, VCC = 5 V,
RL = 100
Ω
tr
3μs
Fall time
tf
3μs
Turn-on time
ton
6μs
Turn-off time
toff
4μs
SATURATED
Rise and fall time
IF = 1.6 mA, VCC = 5 V,
RL = 1.9 k
Ω
tr
3μs
Fall time
tf
12
μs
Turn-on time
ton
4μs
Turn-off time
toff
18
μs
V
OUT
V
CC = 5 V
R
L
± I
F
isfh618a_12
10 %
90 %
Input pulse
Output pulse
tr
ton
t f
t off



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com