Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RVC0603 Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # RVC0603
Description  Medium Voltage Thick Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RVC0603 Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  RVC0603 Datasheet HTML 1Page - Stackpole Electronics, Inc. RVC0603 Datasheet HTML 2Page - Stackpole Electronics, Inc. RVC0603 Datasheet HTML 3Page - Stackpole Electronics, Inc. RVC0603 Datasheet HTML 4Page - Stackpole Electronics, Inc. RVC0603 Datasheet HTML 5Page - Stackpole Electronics, Inc. RVC0603 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev Date: 01/23/2019
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RVC Series
Medium Voltage Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Reel Specifications
Paper Tape Specifications
Type / Code
Unit
0.026 ± 0.004
0.045 ± 0.004
0.315 ± 0.008
0.069 ± 0.004
0.138 ± 0.002
inches
0.65 ± 0.10
1.15 ± 0.10
8.00 ± 0.20
1.75 ± 0.10
3.50 ± 0.05
mm
0.043 ± 0.004
0.075 ± 0.004
0.315 ± 0.008
0.069 ± 0.004
0.138 ± 0.002
inches
1.10 ± 0.10
1.90 ± 0.10
8.00 ± 0.20
1.75 ± 0.10
3.50 ± 0.05
mm
0.063 ± 0.004
0.094 ± 0.008
0.315 ± 0.008
0.069 ± 0.004
0.138 ± 0.002
inches
1.60 ± 0.10
2.40 ± 0.20
8.00 ± 0.20
1.75 ± 0.10
3.50 ± 0.05
mm
0.075 ± 0.004
0.138 ± 0.008
0.315 ± 0.008
0.069 ± 0.004
0.138 ± 0.002
inches
1.90 ± 0.10
3.50 ± 0.20
8.00 ± 0.20
1.75 ± 0.10
3.50 ± 0.05
mm
Type / Code
Unit
0.157 ± 0.004
0.079 ± 0.002
0.079 ± 0.002
0.059 ± 0.004
0.018 ± 0.004
inches
4.00 ± 0.10
2.00 ± 0.05
2.00 ± 0.05
1.50 ± 0.10
0.45 ± 0.10
mm
0.157 ± 0.004
0.157 ± 0.002
0.079 ± 0.002
0.059 ± 0.004
0.028 ± 0.004
inches
4.00 ± 0.10
4.00 ± 0.05
2.00 ± 0.05
1.50 ± 0.10
0.70 ± 0.10
mm
0.157 ± 0.004
0.157 ± 0.002
0.079 ± 0.002
0.059 ± 0.004
0.031 ± 0.004
inches
4.00 ± 0.10
4.00 ± 0.05
2.00 ± 0.05
1.50 ± 0.10
0.80 ± 0.10
mm
0.157 ± 0.004
0.157 ± 0.002
0.079 ± 0.002
0.059 ± 0.004
0.033 ± 0.004
inches
4.00 ± 0.10
4.00 ± 0.05
2.00 ± 0.05
1.50 ± 0.10
0.85 ± 0.10
mm
RVC0402
RVC0603
RVC0805
RVC1206
P0
P1
P2
D
T
RVC0402
RVC0603
RVC0805
RVC1206
A
B
W
E
F
7.028 ± 0.059
2.362 ± 0.039
0.512 ± 0.008
0.354 ± 0.020
0.492 ± 0.020
inches
178.50 ± 1.50
60.00 ± 1.00
13.00 ± 0.20
9.00 ± 0.50
12.50 ± 0.50
mm
7.028 ± 0.059
2.362 ± 0.039
0.512 ± 0.020
0.512 ± 0.020
0.610 ± 0.020
inches
178.50 ± 1.50
60.00 ± 1.00
13.00 ± 0.50
13.00 ± 0.50
15.50 ± 0.50
mm
RVC2010, RVC2512
12 mm
Type / Code
Tape Width
(mm)
Reel Diameter
(inches)
RVC0402, RVC0603
RVC0805, RVC1206
8 mm
7"
Unit
7"
A
B
C
W
T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com