Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RVC1206 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # RVC1206
Description  Medium Voltage Thick Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RVC1206 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  RVC1206 Datasheet HTML 1Page - Stackpole Electronics, Inc. RVC1206 Datasheet HTML 2Page - Stackpole Electronics, Inc. RVC1206 Datasheet HTML 3Page - Stackpole Electronics, Inc. RVC1206 Datasheet HTML 4Page - Stackpole Electronics, Inc. RVC1206 Datasheet HTML 5Page - Stackpole Electronics, Inc. RVC1206 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 01/23/2019
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RVC Series
Medium Voltage Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Performance Characteristics
Mechanical Specifications (cont.)
0.197 ± 0.008
0.098 ± 0.006
0.022 ± 0.004
0.024 ± 0.010
0.020 ± 0.008
inches
5.00 ± 0.20
2.50 ± 0.15
0.55 ± 0.10
0.60 ± 0.25
0.50 ± 0.20
mm
0.250 ± 0.008
0.126 ± 0.006
0.022 ± 0.004
0.024 ± 0.010
0.020 ± 0.008
inches
6.35 ± 0.20
3.20 ± 0.15
0.55 ± 0.10
0.60 ± 0.25
0.50 ± 0.20
mm
a
b
Unit
Body Length
Body Width
Body Height
Top Termination
Bottom Termination
Type / Code
Weight (g)
(1000 pc)
L
W
H
24.241
39.448
RVC2010
RVC2512
± 1%
± 5%
JIS-C-5201-1 4.8
IEC-60115-1 4.8
JIS-C-5201-1 4.13
IEC-60115-1 4.13
JIS-C-5201-1 4.6
IEC-60115-1 4.6
JIS-C-5201-1 4.25
IEC-60115-1 4.25.1
JIS-C-5201- 4.24
IEC-60115-1 4.24
JIS-C-5201-1 4.23
IEC-60115-1 4.23.2
JIS-C-5201-1 4.33
Bending once for 5 seconds
IEC-60115-1 4.33
2010, 2512 sizes: 2 mm; other sizes: 3 mm
JIS-C-5201-1 4.17
IEC-60115-1 4.17
JIS-C-5201-1 4.18
IEC-60115-1 4.18
JIS-C-5201-1 4.7
0402: 150V for 1 minute
IEC-60115-1 4.7
0603: 300V for 1 minute
0805, 1206, 2010, 2512: 500V for 1 minute
JIS-C-5201-1 4.18
IEC-60068-2-58 8.2.1
JIS-C-5201-1 4.19
IEC-60115-1 4.19
RCWV (Rated continuous working voltage) =
or Max. Operating Voltage whichever is lower.
Storage temperature: 25ºC ± 3°C; humidity < 80% RH
Operating temperature range is -55°C to 155°C
Bending Strength
±(1% + 0.05Ω)
±(1% + 0.05Ω)
Individual leaching area
≤ 5%
Total leaching area
≤ 10%
Test Specification
Test
Test Method
±(2% + 0.05Ω)
±(1% + 0.05Ω)
Short Time Overload
Test Method
Rapid Change of
Temperature
±(0.5% + 0.05Ω)
±(1% + 0.05Ω)
-55°C to +155°C, 5 cycles
260ºC ± 5°C for 30 seconds
Leaching
Voltage Proof
No breakdown or flashover
Resistance to
Soldering Heat
±(0.5% + 0.05Ω)
±(1% + 0.05Ω)
260ºC ± 5°C for 10 seconds
Solderability
95% min. coverage
245ºC ± 5°C for 3 seconds
at +155°C for 1000 hours
40ºC ± 2°C, 90% ~ 95% R.H., RCWV for 1000 hours
with 1.5 hour "ON" and 0.5 hour "OFF"
Endurance
±(2% + 0. 1Ω)
±(3% + 0.1Ω)
70ºC ± 2°C, RCWV for 1000 hours with
1.5 hour "ON" and 0.5 hour "OFF"
±(3% + 0.1Ω)
±(2% + 0. 1Ω)
Damp Heat with Load
Dry Heat
±(1% + 0.05Ω)
±(1.5% + 0.1Ω)
Insulation Resistance
≥ 10G
Max. Overload voltage for 1 minute
RCWV * 2.5 or Max. Overload Voltage
whichever is lower for 5 seconds
Temperature Coefficient of
Resistance (TCR)
As specified by
Electrical Specification Table
-55°C ~ +125°C, 25°C is the reference temperature
√ P*R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com