Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SEN-R-1050-046 Datasheet(PDF) 1 Page - Sensitron

Part # SEN-R-1050-046
Description  TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT SERIES GLASS PASSIVATED DIE/CELL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SEN-R-1050-046 Datasheet(HTML) 1 Page - Sensitron

  SEN-R-1050-046 Datasheet HTML 1Page - Sensitron SEN-R-1050-046 Datasheet HTML 2Page - Sensitron SEN-R-1050-046 Datasheet HTML 3Page - Sensitron SEN-R-1050-046 Datasheet HTML 4Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEN-R-1050-XXX
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA SHEET 4199, REV. -
• 221 West Industry Court • Deer Park, NY 11729-4681 • Phone (631) 586-7600 • Fax (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT SERIES
GLASS PASSIVATED DIE/CELL
FEATURES
DESCRIPTION
•
5000W peak pulse power dissipation
•
Glass passivated junction
•
Low incremental surge resistance
•
Excellent clamping capability
•
Repetition rate (duty cycle): 0.05%
•
Fast response time: typically less than 1.0 ps
•
Typical IR less than 1µA above 10V
APPLICATIONS
ü Power Supply Surge Protection
ü Data Link Surge Protection
ü Lightning Transient Suppression
ü Electrostatic Protection
This is a transient voltage suppressor series
extending from 5.0 volts to 100 volts. It is available
in
either
uni-directional
or
bi-directional
configurations.
The
cell
version
is
available
in
a
Type
1
configuration
with
double
tabs.
A
Type
2
configuration
with
silicone
edge
protection
protecting the edge of the die and the die cavity
between the double tabs is also available as a
custom option.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
Test Conditions
Min
TYP
Max
Unit
Peak Pulse Power
Pppm
TA = 25
8C, Tp = 1 ms (Note 1)
5000
Watts
Electrical Parameters
See Table
Maximum Solder Temperature
Tmax
10 Second exposure
250
8C
Operating & Storage
Temperature
Tj, Tstg
-55
175
8C
Note 1: Non-repetitive current pulse, per Fig. 3 and derated above TA = 25
8C per Fig. 2.
A
B
C
D
E
F
G
220
13.5
277
98
305
277
98
Note 1: All dimension in MIL
Note 2: The dimension is for low voltage parts (<40V) only. The dimension B, D and G will be larger for
high voltage parts (>40V).
B
D
G
C
E
F
A
CHIP
TVS T1 CELL
TVS T2 CELL


Similar Part No. - SEN-R-1050-046

ManufacturerPart #DatasheetDescription
logo
Sensitron
SEN-R-1034-001 SENSITRON-SEN-R-1034-001 Datasheet
50Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT SERIES GLASS PASSIVATED DIE PLUS DUAL HEAT STRIPS
SEN-R-1034-002 SENSITRON-SEN-R-1034-002 Datasheet
50Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT SERIES GLASS PASSIVATED DIE PLUS DUAL HEAT STRIPS
SEN-R-1034-003 SENSITRON-SEN-R-1034-003 Datasheet
50Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT SERIES GLASS PASSIVATED DIE PLUS DUAL HEAT STRIPS
SEN-R-1034-004 SENSITRON-SEN-R-1034-004 Datasheet
50Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT SERIES GLASS PASSIVATED DIE PLUS DUAL HEAT STRIPS
SEN-R-1034-005 SENSITRON-SEN-R-1034-005 Datasheet
50Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT SERIES GLASS PASSIVATED DIE PLUS DUAL HEAT STRIPS
More results

Similar Description - SEN-R-1050-046

ManufacturerPart #DatasheetDescription
logo
Sensitron
SEN-R-956-XXX SENSITRON-SEN-R-956-XXX Datasheet
82Kb / 5P
TRANSIENT VOLTAGE SUPPRESSOR 500 WATT SERIES Glass Passivated Die Plus Dual Heat Strips
SEN-R-1034-XXX SENSITRON-SEN-R-1034-XXX Datasheet
50Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT SERIES GLASS PASSIVATED DIE PLUS DUAL HEAT STRIPS
logo
Pan Jit International I...
5KP_SERIES PANJIT-5KP_SERIES_14 Datasheet
142Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
logo
Sangdest Microelectroni...
20KPA20A SMC-20KPA20A Datasheet
214Kb / 5P
GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
logo
Zowie Technology Corpor...
P6KE ZOWIE-P6KE Datasheet
83Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P6KE-AU PANJIT-P6KE-AU Datasheet
229Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watt
logo
Yea Shin Technology Co....
P4KE YEASHIN-P4KE_15 Datasheet
1Mb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
20KPA20A MDE-20KPA20A_13 Datasheet
81Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
20KPA SMC-20KPA Datasheet
220Kb / 5P
GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
ICTE5.0 NJSEMI-ICTE5.0 Datasheet
158Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com