Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SEN-R-1050-047 Datasheet(PDF) 3 Page - Sensitron

Part # SEN-R-1050-047
Description  TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT SERIES GLASS PASSIVATED DIE/CELL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SEN-R-1050-047 Datasheet(HTML) 3 Page - Sensitron

  SEN-R-1050-047 Datasheet HTML 1Page - Sensitron SEN-R-1050-047 Datasheet HTML 2Page - Sensitron SEN-R-1050-047 Datasheet HTML 3Page - Sensitron SEN-R-1050-047 Datasheet HTML 4Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SEN-R-1050-XXX
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA SHEET 4199, REV. -
• 221 West Industry Court • Deer Park, NY 11729-4681 • Phone (631) 586-7600 • Fax (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
100
1000
10000
100000
1
10
100
1000
0.1
1
10
100
0.1
1.0
10.0
100.0
1000.0
10000.0
Fig. 1 - Peak Pulse Power Rating Curve
Non-repetitive pulse
waveform shown in
Fig.3 TA = 25°C
td - Pulse Width (sec.)
0
25
50
75
100
0
25
50
75
100
125
150
175
200
Fig.2 - Pulse Derating Curve
TA - Ambient Temperature (°C)
0
50
100
150
0.0
1.0
2.0
3.0
4.0
Fig.3 - Pulse Waveform
t - Time(ms)
TJ = 25°C
Pulse Width(td)
is defined as the point
where the peak current
decays to 50% of IPPM
10/1000µsec.Waveform
as defined by R.E.A.
Peak Value
IPPM
td
tr = 10µsec.
Fig. 4 - Typical Junction Capacitance
TJ = 25°C
f = 1MHZ
Vsig = 50mVp -p
VBR - Breakdown Voltage (V)
Measured at
Zero Bias
Measured at
Stand-off voltage
Vwm
0
2
4
6
8
0
25
50
75
100
125
150
175
200
Fig. 5 - Steady State Power Derating Curve
TL - Lead Temperature (°C)
60Hz Resistive or
Inductive Load
200
250
300
350
400
450
500
1
10
100
Fig.6 - Maximum Non-repetitive Forward
Surge current
Number of Cycles at 60 HZ
8.3ms Single Half
Sine-Wave
(JEDEC Method)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com