Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RMCS1206 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # RMCS1206
Description  Sulfur Resistant Thick Film Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMCS1206 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  RMCS1206 Datasheet HTML 1Page - Stackpole Electronics, Inc. RMCS1206 Datasheet HTML 2Page - Stackpole Electronics, Inc. RMCS1206 Datasheet HTML 3Page - Stackpole Electronics, Inc. RMCS1206 Datasheet HTML 4Page - Stackpole Electronics, Inc. RMCS1206 Datasheet HTML 5Page - Stackpole Electronics, Inc. RMCS1206 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev Date: 7/5/2022
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMCS Series
Sulfur Resistant Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Inner terminations engineered to deter sulfur contamination
•
Non-standard resistance values available
•
Zero ohm available (max.
resistance 0.05Ω)
•
“-HP” denotes high power
•
RoHS compliant and halogen free
•
REACH compliant
Electrical Specifications
Electrical Specifications
– High Power
0.5%
(3)
1%
5%
RMCS0201_-HP
0.083
25
50
± 200
-
± 200
-
± 100
10 - 1M
± 200
-
± 100
10 - 1M
± 200
-
± 100
10 - 1M
± 200
-
± 100
10 - 1M
± 200
-
± 100
10 - 1M
± 200
-
± 100
10 - 1M
± 400
-
± 100
10 - 1M
(3) 0.5% tolerance for 0603 and 0805 requires lower power rating. Contact Stackpole for details.
(2) 2.5*
or Max. Overload Voltage listed above, whichever is lower.
(1) Lesser of
or maximum working voltage, whichever is lower.
Ohmic Range (
Ω) and Tolerance
1 - 9.76
10 - 1M
1 - 9.76
10 - 1M
RMCS2010_-HP
1
200
400
1 - 9.76
10 - 1M
RMCS1210_-HP
0.75
200
400
1 - 9.76
10 - 1M
RMCS1206_-HP
0.5
200
400
RMCS0805_-HP
0.33
150
300
1 - 9.76
10 - 1M
RMCS0603_-HP
0.25
75
150
10 - 1M
RMCS0402_-HP
0.1
50
100
1 - 9.76
10 - 1M
Type/Code
Power Rating (W)
@ 70ºC
Maximum Working
Voltage (V)
(1)
Maximum Overload
Voltage (V)
(2)
TCR (ppm/ºC)
RMCS2512_-HP
2
200
400
1 - 9.76
10 - 10M
√ P*R
√ P*R
0.5%
1%
5%
RMCS0201
0.05
25
50
1
± 200
-
± 200
± 100
± 200
± 200
± 100
± 200
± 200
± 100
± 200
± 200
± 100
± 200
± 200
± 100
± 200
± 200
± 100
± 200
± 200
± 100
± 200
10 - 1M
1.02M - 10M
0.33
200
Ohmic Range (
Ω) and Tolerance
1.02M - 10M
1 - 9.76
10 - 1M
1.02M - 10M
1 - 9.76
200
2
150
1 - 10M
1 - 9.76
Type/Code
1
TCR (ppm/ºC)
Maximum
Overload
Voltage (V)
(2)
RMCS0402
100
Power Rating
(W) @ 70ºC
Maximum
Current
Jumper (A)
Maximum
Working
Voltage (V)
(1)
0.063
50
2
400
0.125
300
0.1
75
150
1
400
RMCS1210
RMCS1206
0.25
RMCS0805
RMCS0603
1.02M - 10M
1 - 9.76
10 - 1M
1 - 9.76
10 - 1M
1.02M - 10M
1 - 9.76
10 - 1M
10 - 1M
1.02M - 10M
1 - 9.76
10 - 1M
1.02M - 10M
(2) 2.5*
or Max. Overload Voltage listed above, whichever is lower.
(1) Lesser of
or maximum working voltage, whichever is lower.
RMCS2010
RMCS2512
1
250
2.5
400
3.5
4
500
0.75
200
√ P*R
√ P*R


Similar Part No. - RMCS1206

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RMCS1206DT0R00-PD SEI-RMCS1206DT0R00-PD Datasheet
342Kb / 7P
High Sulfur Resistant Thick Film Chip Resistor
07/22/2020
RMCS1206DT100K-PD SEI-RMCS1206DT100K-PD Datasheet
342Kb / 7P
High Sulfur Resistant Thick Film Chip Resistor
07/22/2020
RMCS1206DT1M02-PD SEI-RMCS1206DT1M02-PD Datasheet
342Kb / 7P
High Sulfur Resistant Thick Film Chip Resistor
07/22/2020
RMCS1206DT1R00-PD SEI-RMCS1206DT1R00-PD Datasheet
342Kb / 7P
High Sulfur Resistant Thick Film Chip Resistor
07/22/2020
RMCS1206DT4K70-PD SEI-RMCS1206DT4K70-PD Datasheet
342Kb / 7P
High Sulfur Resistant Thick Film Chip Resistor
07/22/2020
More results

Similar Description - RMCS1206

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRCAS NIC-NRCAS Datasheet
320Kb / 5P
Sulfur Resistant Thick Film Chip Resistors
NRCS NIC-NRCS Datasheet
112Kb / 4P
Sulfur Resistant Thick Film Chip Resistors
logo
Bourns Electronic Solut...
CAY06-AS BOURNS-CAY06-AS Datasheet
429Kb / 2P
Sulfur-Resistant Thick Film Chip Arrays
CAY10-AS BOURNS-CAY10-AS Datasheet
582Kb / 3P
Sulfur-Resistant Thick Film Chip Arrays
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
logo
Riedon Powertron
ASC0603-100RF1 RIEDON-ASC0603-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
ASC0805-100RF1 RIEDON-ASC0805-100RF1 Datasheet
183Kb / 3P
Anti-Sulfur Thick Film Chip Resistor
logo
Vishay Siliconix
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
Sulfur Resistant Thick Film Chip Resistors
04-Jul-2022
logo
Stackpole Electronics, ...
RMCS-PD SEI-RMCS-PD Datasheet
342Kb / 7P
High Sulfur Resistant Thick Film Chip Resistor
07/22/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com