Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S3003-K310 Datasheet(PDF) 1 Page - EnOcean GmbH.

Part # S3003-K310
Description  Transceiver Gateway Modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

S3003-K310 Datasheet(HTML) 1 Page - EnOcean GmbH.

  S3003-K310 Datasheet HTML 1Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2019 EnOcean | www.enocean.com
Subject to modifications | June 2019
DATA SHEET
TCM 310 /TCM 310U
Transceiver Gateway Modules
Features overview
Antenna
External whip or 50Ω antenna mountable
Frequency
TCM 310: 868.300MHz
TCM 310U: 902.875MHz
Data rate
125 kbps
Modulation type
TCM 310: ASK 868 MHz1)
TCM 310U: FSK 902MHz1)
Receiver Sensitivity (at 25°C)2)
TCM 310: typ. –96 dBm (868MHz)
TCM 310U: typ. -98 dBm (902MHz)
Conducted Output Power
TCM 310: typ. 3 dBm (868MHz)
TCM 310U: typ. 1 dBm (902MHz)
Power Supply
2.6…4.5V
Serial Interface
UART (ESP3)
Current Consumption
Receive mode: 33 mA
Transmit mode: 24 mA
Dimensions of PCB
22x19x3 mm
Operating temperature
-25° to +85°C
Radio Regulations
TCM 310 (max. radiated power +1.4 dBm with whip): RED (EU)
TCM 310U: FCC (US) / ISED (CA)
1) According to ISO/IEC 14543-3-1x
2) 0.1% telegram error rate (based on the combination of 3 received sub-telegrams)
Transceiver Gateway Module
TCM 310 / TCM 310U
TCM 310 enables the realization of gateways
for the EnOcean 868 and 902 MHz radio sys-
tems. It provides a bi-directional radio inter-
face at one end and a bi-directional serial
interface at the other end. Radio messages
are sent transparently through the serial
interface in both directions from and to an
externally connected host processor or host
PC. In addition control commands can be
sent from the host, e.g. to configure the
repeater functionality or to manage the
Smart Ack functions. TCM 310 can act as
postmaster for up to 15 bi-directional sen-
sors using Smart Ack technology.
Feature
Smart Ack controller functionality
Transparent radio channel
Programmable repeater functionality
(1 / 2 Level)
EnOcean Serial Protocol V3 (ESP3)
Product variants
TCM 310: SMD transceiver module 868MHz
TCM310U: SMD transceiver module 902MHz
Type
TCM 310
TCM 310U
Ordering Code
S3003-K310
S3053-K310


Similar Part No. - S3003-K310

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
S3003-K300 ENOCEAN-S3003-K300 Datasheet
237Kb / 1P
Transceiver Modules
May 2019
S3003-K300 ENOCEAN-S3003-K300 Datasheet
237Kb / 1P
Transceiver Modules
May 2019
S3003-K320 ENOCEAN-S3003-K320 Datasheet
237Kb / 1P
Transceiver Modules
May 2019
S3003-K320 ENOCEAN-S3003-K320 Datasheet
237Kb / 1P
Transceiver Modules
May 2019
More results

Similar Description - S3003-K310

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
logo
California Eastern Labs
ZMXM-400 CEL-ZMXM-400 Datasheet
1Mb / 13P
MATRIX TRANSCEIVER MODULES
ZALM-301-1 CEL-ZALM-301-1 Datasheet
1Mb / 19P
APEX LT SERIES TRANSCEIVER MODULES
logo
Murata Manufacturing Co...
WIT2410M4G MURATA-WIT2410M4G Datasheet
315Kb / 2P
FHSS Transceiver Modules
logo
Semtech Corporation
SX1302 SEMTECH-SX1302 Datasheet
561Kb / 31P
LoRa Gateway Baseband Transceiver
logo
Festo Corporation.
8069773 FESTO-8069773 Datasheet
96Kb / 2P
Gateway
logo
PHOENIX CONTACT
1031235 PHOENIX-1031235 Datasheet
234Kb / 5P
IoT gateway - CLOUD IOT GATEWAY
logo
EnOcean GmbH.
TCM300 ENOCEAN-TCM300 Datasheet
237Kb / 1P
Transceiver Modules
May 2019
TCM320 ENOCEAN-TCM320 Datasheet
237Kb / 1P
Transceiver Modules
May 2019
TCM515 ENOCEAN-TCM515 Datasheet
125Kb / 1P
Wireless Transceiver Gateway
November 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com