Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA4558FVT-E2 Datasheet(PDF) 2 Page - Rohm

Part # BA4558FVT-E2
Description  Low Noise Operational Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558FVT-E2 Datasheet(HTML) 2 Page - Rohm

  BA4558FVT-E2 Datasheet HTML 1Page - Rohm BA4558FVT-E2 Datasheet HTML 2Page - Rohm BA4558FVT-E2 Datasheet HTML 3Page - Rohm BA4558FVT-E2 Datasheet HTML 4Page - Rohm BA4558FVT-E2 Datasheet HTML 5Page - Rohm BA4558FVT-E2 Datasheet HTML 6Page - Rohm BA4558FVT-E2 Datasheet HTML 7Page - Rohm BA4558FVT-E2 Datasheet HTML 8Page - Rohm BA4558FVT-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2/26
4.SEP.2012 Rev.003
TSZ22111・15・00
BA4558xxx, BA4558Rxxx
●Pin Configuration(TOP VIEW)
Package
SOP8
SSOP-B8
TSSOP-B8
MSOP8
SOP-J8
BA4558F
BA4558RF
BA4558FV
BA4558RFV
BA4558FVT
BA4558RFVT
BA4558FVM
BA4558RFVM
BA4558FJ
BA4558RFJ
●Ordering Information
B
A
4
5
5
8
x
x
x
x
-
x x
Part Number
BA4558xxx
BA4558Rxxx
Package
F:
SOP8
FV:
SSOP-B8
FJ:
SOP-J8
FVT: TSSOP-B8
FVM: MSOP8
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SSOP-B8/TSSOP-B8/SOP-J8)
TR: Embossed tape and reel
(MSOP8)
●Line-up
Topr
Operating Supply
Voltage
(split supply)
Supply
Current
(Typ.)
Slew
Rate
(Typ.)
Package
Orderable
Part Number
-40°C to +85°C
±4.0V to ±15.0V
3mA
1V/µs
SOP8
Reel of 2500
BA4558F-E2
SSOP-B8
Reel of 2500
BA4558FV-E2
TSSOP-B8
Reel of 3000
BA4558FVT-E2
MSOP8
Reel of 3000
BA4558FVM-TR
SOP-J8J
Reel of 2500
BA4558FJ-E2
-40°C to +105°C
SOP8
Reel of 2500
BA4558RF-E2
SSOP-B8
Reel of 2500
BA4558RFV-E2
TSSOP-B8
Reel of 3000
BA4558RFVT-E2
MSOP8
Reel of 3000
BA4558RFVM-TR
SOP-J8
Reel of 2500
BA4558RFJ-E2
SOP8
SSOP-B8
MSOP8
BA4558F
BA4558RF
BA4558FV
BA4558RFV
BA4558FVM
BA4558RFVM
T SSOP-B8
BA4558FVT
BA4558RFVT
SOP- J8
BA4558FJ
BA4558RFJ
45
36
27
18
CH1
- +
CH2
+ -
OUT1
-IN1
+IN1
VEE
OUT2
-IN2
+IN2
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com