Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3EQX10312 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI3EQX10312
Description  10Gbps, 2-Port, USB 3.1 Mux/Demux ReDriverTM with Integrated USB-C Detector
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3EQX10312 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI3EQX10312 Datasheet HTML 9Page - Diodes Incorporated PI3EQX10312 Datasheet HTML 10Page - Diodes Incorporated PI3EQX10312 Datasheet HTML 11Page - Diodes Incorporated PI3EQX10312 Datasheet HTML 12Page - Diodes Incorporated PI3EQX10312 Datasheet HTML 13Page - Diodes Incorporated PI3EQX10312 Datasheet HTML 14Page - Diodes Incorporated PI3EQX10312 Datasheet HTML 15Page - Diodes Incorporated PI3EQX10312 Datasheet HTML 16Page - Diodes Incorporated PI3EQX10312 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
PI3EQX10312
I2C AC Electrical Characteristics
Symbol
Parameter
Standard Mode
I
2C
Fast Mode I
2C
Fast Mode Plus I
2C
Unit
Min
Max
Min
Max
Min
Max
fSCL
SCL Clock Frequency
0
100
0
400
0
1000
kHz
tBUF
Bus Free Time Between a STOP
and START Condition
4.7
—
1.3
—
0.5
—
μs
tHD;STA
Hold Time (Repeated) START
Condition
4.0
—
0.6
—
0.26
—
μs
tSU;STA
Setup Time for a Repeated
START Condition
4.7
—
0.6
—
0.26
—
μs
tSU;STO
Setup Time for STOP Condition
4.0
—
0.6
—
0.26
—
μs
tVD;ACK
[1]
Data Valid Acknowledge Time
—
3.45
—
0.9
—
0.45
μs
tHD;DAT
[2]
Data Hold Time
0
—
0
—
0
—
ns
tVD;DAT
Data Valid Time
—
3.45
—
0.9
—
0.45
ns
tSU;DAT
Data Setup Time
250
—
100
—
50
—
ns
tLOW
LOW Period of the SCL Clock
4.7
—
1.3
—
0.5
—
μs
tHIGH
HIGH Period of the SCL Clock
4.0
—
0.6
—
0.26
—
μs
tf
Fall Time of both SDA and SCL
Signals
—
300
—
300
—
120
ns
tr
Rise Time of Both SDA and SCL
Signals
—
1000
—
300
—
120
ns
tSP
Pulse Width of Spikes that must be
Suppressed by the Input Filter
—
50
—
50
—
50
ns
Notes:
1. A fast-mode I
2C-bus device can be used in a standard-mode I2C-bus system, but the requirement t
SETDAT
≥ 250ns must be met. This is automatically the case if
the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next data bit to
the SDA line tr_max + tSETDAT = 1000 + 250 = 1250ns (according to the standard-mode I
2C bus specification) before the SCL line is released.
2. Cb equals the total capacitance of one BUS line in pF. If mixed with high-speed devices, faster fall times are allowed according to the I
2C specification.
Definition of Timing for Full-Speed Mode Devices on the I
2C Bus
PI3EQX10312
www.diodes.com
March 2019
Document Number DS40965 Rev 3 - 2
13
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com