Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6CG33801C Datasheet(PDF) 21 Page - Diodes Incorporated

Part # PI6CG33801C
Description  3.3V Very Low Power 8-Output PCIe Clock Generator With On-chip Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CG33801C Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button PI6CG33801C Datasheet HTML 16Page - Diodes Incorporated PI6CG33801C Datasheet HTML 17Page - Diodes Incorporated PI6CG33801C Datasheet HTML 18Page - Diodes Incorporated PI6CG33801C Datasheet HTML 19Page - Diodes Incorporated PI6CG33801C Datasheet HTML 20Page - Diodes Incorporated PI6CG33801C Datasheet HTML 21Page - Diodes Incorporated PI6CG33801C Datasheet HTML 22Page - Diodes Incorporated PI6CG33801C Datasheet HTML 23Page - Diodes Incorporated PI6CG33801C Datasheet HTML 24Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
A product Line of
Diodes Incorporated
PI6CG33801C
www.diodes.com
January 2020
Diodes Incorporated
PI6CG33801C
Document Number DS42297 Rev 3-2
Crystal Capacitor Calculation
Crystal circuit connection
The following diagram shows PI6CG33801C crystal circuit connection with a parallel crystal. For the CL=8pF crystal, it is suggested
to use C1=8pF, C2=8pF. C1 and C2 can be adjusted to fine tune to the target ppm of crystal oscillator according to different board
layouts based on the following formular in the Crystal Capacitor Calculation diagram.
C1
8pF
Crystal�(C
L�=�8pF)
C2
8pF
XTAL_IN
XTAL_OUT
FL2500262Q
Crystal Oscillator Circuit
Recommended Crystal Specification
Diodes recommends:
a) FL2500217, SMD 3.2x2.5(4P), 25MHz, CL=8pF, +/-20ppm, https://www.diodes.com/assets/Datasheets/FL.pdf
b) FH2500016, SMD 2.5x2.0(4P), 25MHz, CL=8pF, +/-30ppm, https://www.diodes.com/assets/Datasheets/FH.pdf
c) FW2500031, SMD 2.0x1.6(4P), 25MHz, CL=8pF, +/-30ppm, https://www.diodes.com/assets/Datasheets/FW.pdf
d) US2500003, SMD 1.6x1.2(4P), 25MHz, CL=12pF, +/-30ppm, https://www.diodes.com/assets/Datasheets/US.pdf
XTAL_IN
XTAL_OUT
Cb
C1
C2
Cj
Rd
Rf
Cb
Pseudo
sine
Cj
CL= crystal spec. loading cap.
Cj = chip in/output cap. (3~5pF)
Cb = PCB trace/via cap. (2~4pF)
C1, C2 = load cap. components
Rd = drive level res. (100Ω)
Final choose/trim C1=C2=2 *CL - (Cb +Cj) for the target +/-ppm
Example: C1=C2=2*(18pF) – (4pF+5pF)=27pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com