Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI7C9X760BCLEX Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI7C9X760BCLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760BCLEX Datasheet(HTML) 2 Page - Diodes Incorporated

  PI7C9X760BCLEX Datasheet HTML 1Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 2Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 3Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 4Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 5Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 6Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 7Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 8Page - Diodes Incorporated PI7C9X760BCLEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
2
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
Block Diagram
TX
RX
RTS
CTS
GPIO4/DSR
GPIO5/DTR
GPIO6/CD
GPIO7/RI
VDD
SCL
SDL
A0
IRQ
RESET
I2C/SPI
XTAL1 XTAL2
002aab014
VDD
16C450
COMPATIBLE
REGISTER
SETS
GPIO
REGISTER
I2C-bus
1KΩ(3.3 v)
1.5KΩ(2.5 v)
GPIO[3:0]
VDD
A1
VSS
4
TX
RX
RTS
CTS
VDD
SCL
SDL
A0
IRQ
RESET
I2C/SPI
XTAL1 XTAL2
002aab971
VDD
16C450
COMPATIBLE
REGISTER
SETS
I2C-bus
1KΩ(3.3 v)
1.5KΩ(2.5 v)
VDD
A1
VSS
TX
RX
RTS
CTS
GPIO4/DSR
GPIO5/DTR
GPIO6/CD
GPIO7/RI
VDD
SCLK
CS
SO
IRQ
RESET
I2C/SPI
XTAL1 XTAL2
002aab396
VDD
16C450
COMPATIBLE
REGISTER
SETS
GPIO
REGISTER
SPI
1KΩ(3.3 v)
1.5KΩ(2.5 v)
GPIO[3:0]
SI
VSS
4
TX
RX
RTS
CTS
VDD
SCLK
CS
SO
IRQ
RESET
I2C/SPI
XTAL1 XTAL2
002aab972
VDD
16C450
COMPATIBLE
REGISTER
SETS
SPI
1KΩ(3.3 v)
1.5KΩ(2.5 v)
SI
VSS
I2C-bus interface
I2C-bus interface
SPI interface
SPI interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com