Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLR342FVT-E2 Datasheet(PDF) 5 Page - Rohm

Part # TLR342FVT-E2
Description  Low Voltage Operation Ground Sense Operational Amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TLR342FVT-E2 Datasheet(HTML) 5 Page - Rohm

  TLR342FVT-E2 Datasheet HTML 1Page - Rohm TLR342FVT-E2 Datasheet HTML 2Page - Rohm TLR342FVT-E2 Datasheet HTML 3Page - Rohm TLR342FVT-E2 Datasheet HTML 4Page - Rohm TLR342FVT-E2 Datasheet HTML 5Page - Rohm TLR342FVT-E2 Datasheet HTML 6Page - Rohm TLR342FVT-E2 Datasheet HTML 7Page - Rohm TLR342FVT-E2 Datasheet HTML 8Page - Rohm TLR342FVT-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200720-1-2
©2014 ROHM Co., Ltd. All rights reserved.
5/51
03.Feb.2016 Rev.004
TSZ22111・15・001
TLR341G TLR342xxx TLR344xxx
Electrical Characteristics – continued
○
TLR341G (Unless otherwise specified VDD=+5V, VSS=0V, VSHDN
——————=VDD)
Parameter
Symbol
Temperature
Range
Limits
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 17,18)
VIO
25°C
-
0.3
4
mV
-
Full Range
-
-
4.5
Input Offset Voltage Drift
(Note 17,18)
ΔVIO/ΔT
Full Range
-
1.9
-
μV/°C
-
Input Bias Current
(Note 17)
IB
25°C
-
1
200
pA
-
Input Offset Current
(Note 17)
IIO
25°C
-
1
200
pA
-
Supply Current
(Note 18)
IDD
25°C
-
75
150
μA
-
Full Range
-
-
200
Shutdown Current
IDD_SD
25°C
-
0.2
1000
nA
Common-mode Rejection Ratio
CMRR
25°C
75
90
-
dB
VICM=0V to 3.9V
Power Supply Rejection Ratio
PSRR
25°C
75
95
-
dB
VDD=1.8V to 5.0V
Input Common-mode
Voltage Range
VICM
25°C
0
-
4.0
V
CMRR ≥70 dB
Large Signal Voltage Gain
Av
25°C
80
110
-
dB
RL=10kΩ, VRL=2.5V
75
105
-
RL=2kΩ, VRL=2.5V
Maximum Output Voltage(High)
VOH
25°C
VDD-0.06 VDD-0.03
-
V
RL=2kΩ, VRL=2.5V
VDD-0.02 VDD-0.01
-
RL=10kΩ, VRL=2.5V
Maximum Output Voltage(Low)
VOL
25°C
-
0.04
0.06
V
RL=2kΩ, VRL=2.5V
-
0.02
0.03
RL=10kΩ, VRL=2.5V
Output Source Current
(Note 19)
ISOURCE
25°C
60
100
-
mA
VOUT=0V, Short Current
Output Sink Current
(Note 19)
ISINK
25°C
80
120
-
mA
VOUT=5V, Short Current
Slew Rate
SR
25°C
-
1.2
-
V/μs
RL=10kΩ, V+IN=2VP-P
Gain Bandwidth
GBW
25°C
-
2.3
-
MHz
CL=200pF, RL=100kΩ
Unity Gain Frequency
fT
25°C
-
1.3
-
MHz
CL=200pF, RL=100kΩ
Phase Margin
θM
25°C
-
55
-
deg
CL=20pF, RL=100kΩ
Gain Margin
GM
25°C
-
7
-
dB
CL=20pF, RL=100kΩ
Input Referred Noise Voltage
VN
25°C
-
33
-
Hz
nV/
f=1kHz
Total Harmonic Distortion
+ Noise
THD+N
25°C
-
0.012
-
%
V+IN=1VP-P, f=1kHz
RL=600Ω,
AV=0dB, DIN-AUDIO
Turn-on Time from Shutdown
tON
25°C
-
1.2
-
μs
-
Shutdown Voltage Range
VSHDN_H
25°C
4.5
-
5.0
V
(Note 20)
VSHDN_L
0
-
0.8
V
(Note 21)
(Note 17) Absolute value
(Note 18) Full Range: TA=-40°C to +85°C
(Note 19) Consider the power dissipation of the IC under high temperature environment when selecting the output current value.
There may be a case where the output current value is reduced due to the rise in IC temperature caused by the heat generated inside the IC.
(Note 20) This voltage range means active condition.
(Note 21) This voltage range means shutdown condition.
VSHDN
——————=0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com