| Electronic Components Datasheet Search |
|
4DISCOVERY-50W Datasheet(PDF) 12 Page - 4D Systems Pty Ltd |
|
|
|||||||||||||||||||||||||||||
4DISCOVERY-50W Datasheet(HTML) 12 Page - 4D Systems Pty Ltd |
|
12 / 43 page ![]() Wall Mountable Display Solution 4Discovery-50 Page 12 of 43 www.4dsystems.com.au with the aid of Workshop 4, the 4D Systems IDE software. No other RS485 device will be able to program the PmmC and Display Driver of the 4Discovery when set up in the Standard 4Discovery Configuration (DB01), the 4D 485 Programmer must be used. NOTE: The 4Discovery cannot be programmed when connected to the RS485 network. It needs to be 1:1 with the 4D 485 Programmer. RS485 Programmer 6.2. 4D-UPA Programmer – DB02 When using a DB02 or a custom Daughter Board (Please speak to our Sales team for more information), a 4D-UPA Programmer likely will be required, to program over the Serial UART instead of over the RS485 network, which is only present on DB01. 4D-UPA Programmer Alternatively, a 4D Programming Cable could also be used. Please speak to our Sales team for more information. Additional information can be found in Section 14.3 7. Module Features Some of the main features of the 4Discovery are listed below. 7.1. DIABLO16 Processor The 4Discovery is designed around the DIABLO16 Graphics Controller from 4D-Labs. The DIABLO16 is a smart Controller and the interface to the TFT- LCD displays is almost plug-n-play. All of the data and control signals are provided by the chip to interface directly to the display. Powerful graphics, text, image, animation and countless more features are built right inside the chip. The data sheet for the processor is available from the http://www.4dsystems.com.au website: “DIABLO16-Processor-Datasheet-REVx.pdf” 7.2. SD/SDHC Memory Cards The 4Discovery supports micro-SD memory cards via the on-board micro-SD connector. The memory card is used for multimedia file retrieval such as images, animations and movie clips. The memory card can also be used as general-purpose storage for data logging applications. Support is available for off the shelf micro-SD (up to 2GB) and high capacity SDHC memory cards (4GB and above). Note: A microSD card capable of SPI is a requirement for all 4D Systems’ display modules powered by Goldelox, Picaso, Pixxi-28, Pixxi-44 or Diablo16 Processors. If a non-SPI compatible card is used, it will simply fail to mount, or may cause intermittent issues resulting in lock ups and crashing of the application. Please refer to the 4D Systems website for microSD cards offered by 4D Systems. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |