Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS950211YGLF-T Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS950211YGLF-T
Description  Programmable Timing Control Hub for P4
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950211YGLF-T Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS950211YGLF-T Datasheet HTML 10Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 11Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 12Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 13Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 14Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 15Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 16Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 17Page - Integrated Circuit Systems ICS950211YGLF-T Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
Integrated
Circuit
Systems, Inc.
ICS950211
0465E—05/17/05
Electrical Characteristics - 3V66
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL =10-30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
66.66
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL1
IOL = 1 mA
0.4
V
Output High Current
IOH1
VOH@ MIN = 1.0 V, VOH@ MAX = 3.135 V
-33
-33
mA
Output Low Current
IOL1
VOL@ MIN = 1.95 V, VOL@ MAX= 0.4
30
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
3
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.3
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
455255%
Skew
tsk1
1
VT = 1.5 V
155
500
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V
150
250
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - VCH, 48MHz DOT, 48MHz, USB
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 10-30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO
1
VO = VDD*(0.5)
48
MHz
Output Impedance
RDSN1
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL1
IOL = 1 mA
0.55
V
Output High Current
IOH1
VOH@ MIN = 1.0 V, VOH@ MAX = 3.135 V
-29
-23
mA
Output Low Current
IOL1
VOL@ MIN = 1.95 V, VOL@ MAX= 0.4
29
27
mA
48DOT Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
0.6
1
ns
48DOT Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
0.7
1
ns
VCH 48 USB
Rise Time
tr
1
VOL = 0.4 V, VOH = 2.4 V
1
1.1
2
ns
VCH 48 USB
Fall Time
tf
1
VOH = 2.4 V, VOL = 0.4 V
1
1.2
2
ns
48 DOT to 48 USB
Skew
tskew
1
VT=1.5V
1
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
50.1
55
%
Jitter
tjcyc-cyc
1
VT = 1.5 V
130
350
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com