Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLL3H0914LS-700 Datasheet(PDF) 13 Page - Ampleon Netherlands B.V.

Part # CLL3H0914LS-700
Description  L-band internally pre-matched GaN-SiC HEMT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

CLL3H0914LS-700 Datasheet(HTML) 13 Page - Ampleon Netherlands B.V.

Back Button CLL3H0914LS-700 Datasheet HTML 9Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 10Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 11Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 12Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 13Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 14Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 15Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 16Page - Ampleon Netherlands B.V. CLL3H0914LS-700 Datasheet HTML 17Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
CLL3H0914L-700_0914LS-700
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 1 — 15 July 2022
13 of 18
CLL3H0914L(S)-700
L-band internally pre-matched GaN-SiC HEMT
9.
Package outline
Fig 22. Package outline SOT502A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT502A
12-05-02
21-07-22
0
5
10 mm
scale
Flanged ceramic package; 2 mounting holes; 2 leads
SOT502A
p
L
A
F
b
D
U2
H
Q
c
1
3
2
D1
E
A
C
q
U1
C
B
E1
M
M
w2
UNIT
A
mm
D
b
12.83
12.57
0.15
0.08
20.02
19.61
9.53
9.25
19.94
18.92
9.91
9.65
4.72
3.43
c
U2
0.25
0.51
27.94
qw2
w1
F
1.14
0.89
U1
34.16
33.91
L
5.33
4.32
p
3.38
3.12
Q
1.70
1.45
EE1
9.50
9.30
inches
0.505
0.495
0.006
0.003
0.788
0.772
D1
19.96
19.66
0.786
0.774
0.375
0.364
0.785
0.745
0.390
0.380
0.186
0.135
0.01
0.02
1.100
0.045
0.035
1.345
1.335
0.210
0.170
0.133
0.123
0.067
0.057
0.374
0.366
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
w1
AB
M
M
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com