Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF9160-SICA-B1A-R Datasheet(PDF) 21 Page - Nordic Semiconductor

Part # NRF9160-SICA-B1A-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SICA-B1A-R Datasheet(HTML) 21 Page - Nordic Semiconductor

Back Button NRF9160-SICA-B1A-R Datasheet HTML 17Page - Nordic Semiconductor NRF9160-SICA-B1A-R Datasheet HTML 18Page - Nordic Semiconductor NRF9160-SICA-B1A-R Datasheet HTML 19Page - Nordic Semiconductor NRF9160-SICA-B1A-R Datasheet HTML 20Page - Nordic Semiconductor NRF9160-SICA-B1A-R Datasheet HTML 21Page - Nordic Semiconductor NRF9160-SICA-B1A-R Datasheet HTML 22Page - Nordic Semiconductor NRF9160-SICA-B1A-R Datasheet HTML 23Page - Nordic Semiconductor NRF9160-SICA-B1A-R Datasheet HTML 24Page - Nordic Semiconductor NRF9160-SICA-B1A-R Datasheet HTML 25Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 400 page
background image
Application core
Option / Module
Description
Implemented
Core options
NVIC
Nested vectored interrupt controller
PRIORITIES
Priority bits
3
WIC
Wake-up interrupt controller
NO
Endianness
Memory system endianness
Little endian
DWT
Data watchpoint and trace
YES
Modules
MPU_NS
Number of non-secure memory protection unit (MPU) regions
16
MPU_S
Number of secure MPU regions
16
SAU
Number of security attribution unit (SAU) regions
0, see SPU for more information about
secure regions.
FPU
Floating-point unit
YES
DSP
Digital signal processing extension
YES
ARMv8-M TrustZone
ARMv8-M security extensions
YES
CPIF
Co-processor interface
NO
ETM
Embedded trace macrocell
YES
ITM
Instrumentation trace macrocell
YES
MTB
Micro trace buffer
NO
CTI
Cross trigger interface
YES
BPU
Breakpoint unit
YES
HTM
AMBA AHB trace macrocell
NO
4.1.2 Electrical specification
4.1.2.1 CPU performance
The CPU clock speed is 64 MHz. Current and efficiency data is taken when in System ON and the CPU is
executing the CoreMark benchmark. It includes power regulator and clock base currents. All other blocks
are IDLE.
Symbol
Description
Min.
Typ.
Max.
Units
WFLASH
CPU wait states, running from flash, cache disabled
0
4
WFLASHCACHE
CPU wait states, running from flash, cache enabled
0
2
WRAM
CPU wait states, running from RAM
0
CMFLASH
CoreMark1, running from flash, cache enabled
243
CoreMark
CMFLASH/MHz
CoreMark per MHz, running from flash, cache enabled
3.79
CoreMark/
MHz
CMFLASH/mA
CoreMark per mA, running from flash, cache enabled, DC/
DC
110.45
CoreMark/
mA
4.2 Memory
The application microcontroller has embedded 1024 kB flash and 256 kB RAM for application code and
data storage.
As illustrated in Memory layout on page 22, both CPU and EasyDMA are able to access RAM via the
AHB multilayer interconnect. See AHB multilayer interconnect on page 47 and EasyDMA on page
45 for more information about AHB multilayer interconnect and EasyDMA respectively. The LTE
modem can access all application MCU memory, but typically a small portion of RAM is dedicated to data
exchange between application MCU and the modem baseband controller.
1 Using IAR compiler
4418_1315 v2.0
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com