Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND01GR4B Datasheet(PDF) 24 Page - STMicroelectronics

Part # NAND01GR4B
Description  512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01GR4B Datasheet(HTML) 24 Page - STMicroelectronics

Back Button NAND01GR4B Datasheet HTML 20Page - STMicroelectronics NAND01GR4B Datasheet HTML 21Page - STMicroelectronics NAND01GR4B Datasheet HTML 22Page - STMicroelectronics NAND01GR4B Datasheet HTML 23Page - STMicroelectronics NAND01GR4B Datasheet HTML 24Page - STMicroelectronics NAND01GR4B Datasheet HTML 25Page - STMicroelectronics NAND01GR4B Datasheet HTML 26Page - STMicroelectronics NAND01GR4B Datasheet HTML 27Page - STMicroelectronics NAND01GR4B Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
NAND512-B, NAND01G-B, NAND02G-B, NAND04G-B, NAND08G-B
24/59
Copy Back Program
The Copy Back Program operation is used to copy
the data stored in one page and reprogram it in an-
other page.
The Copy Back Program operation does not re-
quire external memory and so the operation is
faster and more efficient because the reading and
loading cycles are not required. The operation is
particularly useful when a portion of a block is up-
dated and the rest of the block needs to be copied
to the newly assigned block.
If the Copy Back Program operation fails an error
is signalled in the Status Register. However as the
standard external ECC cannot be used with the
Copy Back Program operation bit error due to
charge loss cannot be detected. For this reason it
is recommended to limit the number of Copy Back
Program operations on the same data and or to
improve the performance of the ECC.
The Copy Back Program operation requires four
steps:
1.
The first step reads the source page. The
operation copies all 1056 Words/ 2112 Bytes
from the page into the Data Buffer. It requires:
–
one bus write cycle to setup the command
–
4 bus write cycles to input the source page
address
–
one bus write cycle to issue the confirm
command code
2.
When the device returns to the ready state
(Ready/Busy High), the next bus write cycle of
the command is given with the 4 bus cycles to
input the target page address. Refer to Table
11. for the addresses that must be the same
for the Source and Target pages.
3.
Then the confirm command is issued to start
the P/E/R Controller.
The Data Input cycle for modifying the source
page is performed as shown in Figure 14. After a
Copy Back Program operation, a partial-page pro-
gram is not allowed in the target page until the
block has been erased.
See Figure 14. for an example of the Copy Back
Program operation.
A data input cycle to modify a portion or a multiple
distant portion of the source page, is shown in Fig-
ure 15.
Table 11. Copy Back Program x8 Addresses
Note: 1. DD = Dual Die, QD = Quadruple Die.
Table 12. Copy Back Program x16 Addresses
Note: 1. DD = Dual Die, QD = Quadruple Die.
Density
Same Address for Source and
Target Pages
512 Mbit
no constraint
1 Gbit
no constraint
2 Gbit DD(1)
A28
2 Gbit
no constraint
4 Gbit DD
A29
8 Gbit QD(1)
A29,A30
Density
Same Address for Source and
Target Pages
512 Mbit
no constraint
1 Gbit
no constraint
2 Gbit DD(1)
A27
2 Gbit
no constraint
4 Gbit DD(1)
A28
8 Gbit QD(1)
A28,A29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com