Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VCNL4010-GS18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCNL4010-GS18
Description  Fully Integrated Proximity and Ambient Light Sensor With Infrared Emitter, I2C Interface, and Interrupt Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4010-GS18 Datasheet(HTML) 2 Page - Vishay Siliconix

  VCNL4010-GS18 Datasheet HTML 1Page - Vishay Siliconix VCNL4010-GS18 Datasheet HTML 2Page - Vishay Siliconix VCNL4010-GS18 Datasheet HTML 3Page - Vishay Siliconix VCNL4010-GS18 Datasheet HTML 4Page - Vishay Siliconix VCNL4010-GS18 Datasheet HTML 5Page - Vishay Siliconix VCNL4010-GS18 Datasheet HTML 6Page - Vishay Siliconix VCNL4010-GS18 Datasheet HTML 7Page - Vishay Siliconix VCNL4010-GS18 Datasheet HTML 8Page - Vishay Siliconix VCNL4010-GS18 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VCNL4010
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 20-Mar-18
2
Document Number: 83462
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) MOQ: minimum order quantity
ORDERING INFORMATION
ORDERING CODE
PACKAGING
VOLUME (1)
REMARKS
VCNL4010-GS08
Tape and reel
MOQ: 1800 pcs
3.95 mm x 3.95 mm x 0.75 mm
VCNL4010-GS18
MOQ: 7000 pcs
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
MAX.
UNIT
Supply voltage
VDD
-0.3
5.5
V
Operation temperature range
Tamb
-25
+85
°C
Storage temperature range
Tstg
-40
+85
°C
Total power dissipation
Tamb
≤ 25 °C
Ptot
50
mW
Junction temperature
Tj
100
°C
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage VDD
2.5
3.6
V
Supply voltage IR anode
2.5
5
V
I2C Bus H-level range
1.7
5
V
INT H-level range
1.7
5
V
INT low voltage
3 mA sink current
0.4
V
Current consumption
Standby current,
no IRED-operation
1.5
2
μA
Current consumption
proximity mode incl. IRED
(averaged)
2 measurements per second,
IRED current 20 mA
5μA
250 measurements per second,
IRED current 20 mA
520
μA
2 measurements per second,
IRED current 200 mA
35
μA
250 measurements per second,
IRED current 200 mA
4.0
mA
Current consumption ambient
light mode
2 measurements per second
averaging = 1
2.5
μA
8 measurements per second
averaging = 1
10
μA
2 measurements per second
averaging = 64
160
μA
8 measurements per second
averaging = 64
640
μA
Ambient light resolution
Digital resolution (LSB count )
0.25
lx
Ambient light output
EV = 100 lx
averaging = 64
400
counts
I2C clock rate range
fSCL
3400
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com