Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2903 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LM2903
Description  Low-power dual voltage comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LM2903_V01 Datasheet HTML 11Page - STMicroelectronics LM2903_V01 Datasheet HTML 12Page - STMicroelectronics LM2903_V01 Datasheet HTML 13Page - STMicroelectronics LM2903_V01 Datasheet HTML 14Page - STMicroelectronics LM2903_V01 Datasheet HTML 15Page - STMicroelectronics LM2903_V01 Datasheet HTML 16Page - STMicroelectronics LM2903_V01 Datasheet HTML 17Page - STMicroelectronics LM2903_V01 Datasheet HTML 18Page - STMicroelectronics LM2903_V01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
DocID2470 Rev 14
15/21
LM2903
Package information
21
6.3
MiniSO8 package information
Figure 24. MiniSO8 package mechanical drawing
Table 6. MiniSO8 package mechanical data
Ref.
Dimensions
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.1
0.043
A1
0
0.15
0
0.006
A2
0.75
0.85
0.95
0.030
0.033
0.037
b
0.22
0.40
0.009
0.016
c
0.08
0.23
0.003
0.009
D
2.80
3.00
3.20
0.11
0.118
0.126
E
4.65
4.90
5.15
0.183
0.193
0.203
E1
2.80
3.00
3.10
0.11
0.118
0.122
e
0.65
0.026
L
0.40
0.60
0.80
0.016
0.024
0.031
L1
0.95
0.037
L2
0.25
0.010
k
0 °8 °
0 °8 °
ccc
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com