Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2903DT Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM2903DT
Description  Low-power dual voltage comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903DT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM2903DT Datasheet HTML 6Page - STMicroelectronics LM2903DT Datasheet HTML 7Page - STMicroelectronics LM2903DT Datasheet HTML 8Page - STMicroelectronics LM2903DT Datasheet HTML 9Page - STMicroelectronics LM2903DT Datasheet HTML 10Page - STMicroelectronics LM2903DT Datasheet HTML 11Page - STMicroelectronics LM2903DT Datasheet HTML 12Page - STMicroelectronics LM2903DT Datasheet HTML 13Page - STMicroelectronics LM2903DT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Typical application schematics
LM2903
10/21
DocID2470 Rev 14
Figure 20. Time delay generator
Figure 18. Crystal controlled oscillator
Figure 19. Comparator with a negative
reference
2 k
Ω
200 k
Ω
e
o
V
CC
0
100 k
Ω
200 k
Ω
1/2
LM2903
0.1
μF
f = 100 kHz
V
CC
= 15 V
15 V
5.1 k
Ω
e
o
e
I
~
15 V
5 V
1/2
LM2903
VCC
0
V(ref.)
10 k
Ω
1/2
15 k
Ω
200 k
Ω
3 k
Ω
3 k
Ω
3 k
Ω
10 M
Ω
V
O2
V
03
O1
V
51 k
Ω
V1
V2
0.001
μF
V
C1
V3
VCC
V
C1
V1
V2
V3
0
0
1
t t
3
t
4
t
2
t
t
VCC
t
0
t
1
VCC
VCC
VC C =+15V
1/2
LM2903
1/2
1
/2
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 M
Ω
10 M
Ω
51 k
Ω
51 k
Ω
t
2
t
o
t
3
t
o
t
A
t
o
Input gating signal
LM2903
LM2903
LM2903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com