Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2903YPT Datasheet(PDF) 19 Page - STMicroelectronics

Part # LM2903YPT
Description  Low-power dual voltage comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903YPT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LM2903YPT Datasheet HTML 13Page - STMicroelectronics LM2903YPT Datasheet HTML 14Page - STMicroelectronics LM2903YPT Datasheet HTML 15Page - STMicroelectronics LM2903YPT Datasheet HTML 16Page - STMicroelectronics LM2903YPT Datasheet HTML 17Page - STMicroelectronics LM2903YPT Datasheet HTML 18Page - STMicroelectronics LM2903YPT Datasheet HTML 19Page - STMicroelectronics LM2903YPT Datasheet HTML 20Page - STMicroelectronics LM2903YPT Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
DocID2470 Rev 14
19/21
LM2903
Ordering information
21
7
Ordering information
Table 9. Order code
Order code
Temperature
range
Package
Packing
Marking
LM2903D/DT
-40 °C to +125 °C
SO8
Tube or tape and
reel
2903
LM2903YDT(1)
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent.
SO8
(automotive grade)
Tape and reel
2903Y
LM2903PT
TSSOP8
2903
LM2903YPT(1)
TSSOP8
(automotive grade)
2903Y
LM2903ST
MiniSO8
K431
LM2903YST(1)
MiniSO8
(automotive grade)
K419
LM2903Q2T
DFN8 2x2 mm
K1Z
LM2903YQ3T(1)
DFN8 2x2 mm
wettable flanks
K5M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com