Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SOC3810HRT Datasheet(PDF) 11 Page - STMicroelectronics

Part # SOC3810HRT
Description  Rad-Hard 60 V, 0.05 A PNP dual matched transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC3810HRT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SOC3810HRT Datasheet HTML 6Page - STMicroelectronics SOC3810HRT Datasheet HTML 7Page - STMicroelectronics SOC3810HRT Datasheet HTML 8Page - STMicroelectronics SOC3810HRT Datasheet HTML 9Page - STMicroelectronics SOC3810HRT Datasheet HTML 10Page - STMicroelectronics SOC3810HRT Datasheet HTML 11Page - STMicroelectronics SOC3810HRT Datasheet HTML 12Page - STMicroelectronics SOC3810HRT Datasheet HTML 13Page - STMicroelectronics SOC3810HRT Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
6
Other information
6.1
Traceability information
Date code information is described in the table below.
Table 8. Date codes
Model
Date code1
EM
3yywwN
ESCC
yywwN
1. yy = year, ww = week number, N = lot index in the week.
6.2
Documentation
Table 9. Documentation provided for each type of product
Quality level
Radiation level
Documentation
Engineering model
-
Certificate of conformance
ESCC
-
Certificate of conformance
ESCC qualification maintenance lot reference
ESCC
100 krad
Certificate of conformance
ESCC qualification maintenance lot reference
Radiation data at 25 / 50 / 70 / 100 krad at 0.1 rad / s
2N3810HR
Other information
DS6098 - Rev 9
page 11/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com