Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMB6F20A Datasheet(PDF) 10 Page - STMicroelectronics

Part # SMB6F20A
Description  600 W TVS in SMB Flat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMB6F20A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SMB6F20A Datasheet HTML 5Page - STMicroelectronics SMB6F20A Datasheet HTML 6Page - STMicroelectronics SMB6F20A Datasheet HTML 7Page - STMicroelectronics SMB6F20A Datasheet HTML 8Page - STMicroelectronics SMB6F20A Datasheet HTML 9Page - STMicroelectronics SMB6F20A Datasheet HTML 10Page - STMicroelectronics SMB6F20A Datasheet HTML 11Page - STMicroelectronics SMB6F20A Datasheet HTML 12Page - STMicroelectronics SMB6F20A Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
3
Ordering information
Figure 21. Ordering information scheme
SMB
6 F xx
A
Package:
SMB
Power capability (10 / 1000 µs):
600 W
Flat package
Stand-off voltage:
VRM
Type:
A : unidirectional
Table 5. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
SMB6FxxA
See Table 6. Marking.
SMB Flat
56 mg
5000
Tape and reel
SMB6FxxA
SMB6F Ordering information
DS12898 - Rev 4
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com