Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMB6F170A Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMB6F170A
Description  600 W TVS in SMB Flat
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMB6F170A Datasheet(HTML) 3 Page - STMicroelectronics

  SMB6F170A Datasheet HTML 1Page - STMicroelectronics SMB6F170A Datasheet HTML 2Page - STMicroelectronics SMB6F170A Datasheet HTML 3Page - STMicroelectronics SMB6F170A Datasheet HTML 4Page - STMicroelectronics SMB6F170A Datasheet HTML 5Page - STMicroelectronics SMB6F170A Datasheet HTML 6Page - STMicroelectronics SMB6F170A Datasheet HTML 7Page - STMicroelectronics SMB6F170A Datasheet HTML 8Page - STMicroelectronics SMB6F170A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Table 2. Electrical characteristics - parameter values (Tamb = 25 °C, unless otherwise specified)
Type
IRM max at VRM
VBR at IBR (1)
10 / 1000 µs
8 / 20µs
αT
VCL(2)(3) IPP(4)
RD
VCL(2)(3) IPP(4)
RD
25 °C 85 °C
Min. Typ. Max.
Max.
Max.
Max.
Max.
Max.
µA
V
V
mA
V
A
Ω
V
A
Ω
10-4/°C
SMB6F5.0A
20
50
5.0
6.4
6.74
7.1
10
9.2
68
0.031
13.4
298
0.021
5.7
SMB6F6.0A
20
50
6.0
6.7
7.05
7.4
10
10.3
61
0.048
13.7
290
0.022
5.9
SMB6F6.5A
20
50
6.5
7.2
7.58
8
10
11.2
56
0.057
14.5
276
0.024
6.1
SMB6F8.5A
20
50
8.5
9.4
9.9
10.4
1
14.4
41.7
0.096
19.5
205
0.044
7.3
SMB6F10A
0.2
1
10
11.1
11.7
12.3
1
17
37
0.127
21.7
184
0.051
7.8
SMB6F11A
0.2
1
11
12.3
13
13.7
1
18
33.8
0.127
24.2
1665 0.064
8.1
SMB6F12A
0.2
1
12
13.3
14
14.7
1
19.9
31
0.168
25.3
157
0.068
8.3
SMB6F13A
0.2
1
13
14.4 15.2
16
1
21.5
29
0.190
27.2
147
0.076
8.4
SMB6F14A
0.2
1
14
15.7 16.5
17.3
1
23.1
26
0.223
29
136
0.086
8.6
SMB6F15A
0.2
1
15
16.7 17.6
18.5
1
24.4
25.1
0.235
32.5
123
0.114
8.8
SMB6F16A
0.2
1
16
17.9 18.8
19.8
1
26
23.1
0.268
34.7
115
0.130
9.0
SMB6F18A
0.2
1
18
20
21.1
22.2
1
29.2
21.5
0.326
39.3
102
0.168
9.2
SMB6F20A
0.2
1
20
22.2 23.4
24.6
1
32.4
19.4
0.402
42.8
93
0.196
9.4
SMB6F22A
0.2
1
22
24.4 25.7
27
1
35.5
17.7
0.480
48.3
83
0.257
9.6
SMB6F23A
0.2
1
23
25.7
27
28.4
1
37.8
16.4
0.573
49.2
81
0.257
9.6
SMB6F24A
0.2
1
24
26.7 28.1
29.5
1
38.9
16
0.588
50
80
0.256
9.6
SMB6F26A
0.2
1
26
28.9 30.4
31.9
1
42.1
14.9
0.685
53.5
75
0.288
9.7
SMB6F28A
0.2
1
28
31.1 32.7
34.3
1
45.4
13.8
0.804
59
68
0.363
9.8
SMB6F30A
0.2
1
30
33.2
35
36.8
1
48.4
13
0.885
64.3
62
0.442
9.9
SMB6F31A
0.2
1
31
34.2
36
37.8
1
50.2
12.3
1.01
65
61
0.45
9.9
SMB6F33A
0.2
1
33
36.7 38.6
40.5
1
53.3
11.8
1.08
69.7
57
0.512
10
SMB6F36A
0.2
1
36
40
42.1
44.2
1
58.1
10.3
1.35
76
52
0.612
10
SMB6F40A
0.2
1
40
44.4 46.7
49
1
64.5
9.7
1.60
84
48
0.729
10.1
SMB6F48A
0.2
1
48
53.2
56
58.8
1
77.4
8.1
2.28
100
40
1.03
10.3
SMB6F58A
0.2
1
58
64.6
68
71.4
1
93.6
6.7
3.34
121
33
1.51
10.4
SMB6F64A
0.2
1
64
71.1 74.8
78.6
1
103
5.8
4.17
134
30
1.84
10.5
SMB6F70A
0.2
1
70
77.9
82
86.1
1
113
5.5
4.91
146
27
2.22
10.5
SMB6F85A
0.2
1
85
95
100
105
1
137
4.6
7.17
178
22.5
3.29
10.6
SMB6F100A
0.2
1
100
111
117
123
1
162
3.8
10.3
212
19
4.68
10.7
SMB6F130A
0.2
1
130
144
152
160
1
209
3
16.3
265
15
7
10.8
SMB6F154A
0.2
1
154
171
180
189
1
246
2.4
23.8
317
12.6
10.2
10.8
SMB6F170A
0.2
1
170
190
200
210
1
275
2.2
30
353
11.3
12.7
10.8
SMB6F188A
0.2
1
188
209
220
231
1
328
2
48.5
388
10.3
15.2
10.8
1. To calculate VBR versus Tj : VBR at Tj = VBR at 25 °C x (1 + αT x (Tj - 25))
2. To calculate VCL versus Tj : VCL at Tj = VCL at 25 °C x (1 + αT x (Tj - 25))
3. To calculate VCL max versus IPPappli: VCLmax = VBR max + RD x IPPappli
SMB6FxxA
Characteristics
DS12898 - Rev 4
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com