| Electronic Components Datasheet Search |
|
SPC584G80 Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC584G80 Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 139 page ![]() Description SPC584Gx, SPC58EGx, SPC58NGx 12/139 DS11758 Rev 6 2.3 Features On-chip modules within SPC584Gx, SPC58EGx, SPC58NGx include the following features: • Three main CPUs, dual issue, 32-bit CPU core complexes (e200z4), one paired in lock-step – Power architecture embedded specification compliance – Instruction set enhancement allowing variable length encoding (VLE), encoding a mix of 16-bit and 32-bit instructions, for code size footprint reduction – Single-precision floating point operations – Lightweight signal processing auxiliary processing unit (LSP APU) instruction support for digital signal processing (DSP) on Core_2 – 16 KB local instruction RAM and 64 KB local data RAM for Core_0 and Core_1, 16 KB local instruction RAM and 32 KB local data RAM for Core_2 – 8 KB I-Cache and 4 KB D-Cache for Core_0 and Core_1, 8kB I-Cache for Core_2 • 6400 KB (6144 KB code flash + 256 KB data flash) on-chip Flash memory – Supports read during program and erase operations, and multiple blocks allowing EEPROM emulation – Supports read while read between the two code Flash partitions • 608 KB on-chip general-purpose SRAM (+ 160 KB data RAM included in the CPUs) • 182 KB HSM dedicated flash memory (144 KB code + 32 KB data) • Multi channel direct memory access controllers (eDMA paired in lock-step) – One eDMA with 64 channels – One eDMA with 32 channels • One interrupt controller (INTC) in lock-step • Dual phase-locked loops with stable clock domain for peripherals and FM modulation domain for computational shell • Dual crossbar switch architecture for concurrent access to peripherals, Flash, or RAM from multiple bus masters with end-to-end ECC • Hardware security module (HSM) to provide robust integrity checking of Flash memory • System integration unit lite (SIUL) • Boot assist Flash (BAF) supports factory programming using a serial bootload through the asynchronous CAN or LIN/UART • Hardware support for motor control and safety related applications • Enhanced modular IO subsystem (eMIOS): up to 64 (2 x 32) timed I/O channels with 16-bit counter resolution – Buffered updates – Support for shifted PWM outputs to minimize occurrence of concurrent edges – Supports configurable trigger outputs for ADC conversion for synchronization to channel output waveforms – Shared or independent time bases – DMA transfer support available |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |