Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRK1001TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # SRK1001TR
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1001TR Datasheet(HTML) 3 Page - STMicroelectronics

  SRK1001TR Datasheet HTML 1Page - STMicroelectronics SRK1001TR Datasheet HTML 2Page - STMicroelectronics SRK1001TR Datasheet HTML 3Page - STMicroelectronics SRK1001TR Datasheet HTML 4Page - STMicroelectronics SRK1001TR Datasheet HTML 5Page - STMicroelectronics SRK1001TR Datasheet HTML 6Page - STMicroelectronics SRK1001TR Datasheet HTML 7Page - STMicroelectronics SRK1001TR Datasheet HTML 8Page - STMicroelectronics SRK1001TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
N.
Name
Function
4
VCC
Supply voltage of the device. A bypass capacitor to GND, located as close to IC pins as possible, helps obtain a
clean supply voltage for the internal control circuitry and acts as an effective energy buffer for the pulsed gate
drive current.
5
DVS
Drain voltage sensing. This pin must be connected to the drain terminal of the synchronous rectifier MOSFET
through a series resistor of at least 300 Ω.
6
VAUX
Auxiliary supply voltage of the device. When VCC voltage is lower than UVLO voltage threshold (VCC_SO_On),
the bypass capacitor on the VCC pin (coupled to application VOUT through a diode) is supplied by the VAUX pin
if this is connected to an auxiliary winding or to an external capacitor sourced by a DVS voltage rectifier.
If the functionality is not used, VAUX pin must be connected to VCC pin.
7
TOFF
Programming pin for blanking time after turn-off. A resistor connected from this pin to GND, supplied by an
internal current source, sets a voltage VTOFF; depending on this voltage level, the user can choose the blanking
time after turn-off suitable for application requirements.
8
TON
Programming pin for blanking time after turn-on. A resistor connected from this pin to GND, supplied by an
internal current source, sets a voltage VTON; depending on this voltage level, the user can choose the blanking
time after turn-on, suitable to mask ZCD comparator output and avoid premature turn-off due to parasitic voltage
oscillation on DVS pin. In tracking with VTON, the thresholds to enter/exit automatic sleep mode are derived.
A capacitor larger than 60 pF (100 pF typ.) between this pin and GND sets the internal timer mode for SR
MOSFET turn-off in mixed CCM/DCM operation. If no capacitor is used, timer mode is set for turn-off in QR or
DCM operation. No capacitor is also required when SYNC signal is used for turn-off.
SRK1001
Block diagram and pin connection
DS13155 - Rev 1
page 3/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com