Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STAC0912-250 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAC0912-250
Description  LDMOS avionics radar transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC0912-250 Datasheet(HTML) 1 Page - STMicroelectronics

  STAC0912-250 Datasheet HTML 1Page - STMicroelectronics STAC0912-250 Datasheet HTML 2Page - STMicroelectronics STAC0912-250 Datasheet HTML 3Page - STMicroelectronics STAC0912-250 Datasheet HTML 4Page - STMicroelectronics STAC0912-250 Datasheet HTML 5Page - STMicroelectronics STAC0912-250 Datasheet HTML 6Page - STMicroelectronics STAC0912-250 Datasheet HTML 7Page - STMicroelectronics STAC0912-250 Datasheet HTML 8Page - STMicroelectronics STAC0912-250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
STAC780-2B
1
2
3
Pin connection
Pin
Connection
1
Drain
2
Gate
3
Source (bottom side)
Features
Order code
Frequency
VDD
POUT
Gain
Efficiency
STAC0912-250
960 to 1215 MHz
36 V
250 W
16 dB
58 %
•
Excellent thermal stability
•
Common source configuration
•
POUT = 250W with 16 dB gain over 960 to 1215 MHz
•
ST air-cavity STAC packaging technology
Applications
•
Avionics
Description
The STAC0912-250 is a common source N-channel enhancement-mode lateral field-
effect RF power transistor designed for avionics applications at frequencies range
960 to 1215 MHz.
Product status link
STAC0912-250
Product summary
Order code
STAC0912-250
Marking
0912-250
Package
STAC780-2B
Packing
Tube
Base/bulk quantity
15/90
LDMOS avionics radar transistor
STAC0912-250
Datasheet
DS7201 - Rev 9 - July 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STAC0912-250

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC1011-350 STMICROELECTRONICS-STAC1011-350 Datasheet
789Kb / 14P
Excellent thermal stability
20-May-2014
STAC1011-500 STMICROELECTRONICS-STAC1011-500 Datasheet
490Kb / 9P
500 W, 50 V, 700 to 1200 MHz RF power LDMOS transistor
26-Sep-2019
STAC1214-350 STMICROELECTRONICS-STAC1214-350 Datasheet
330Kb / 12P
350 W, 50 V, 1200 to 1400 MHz RF power LDMOS transistor
04-Aug-2020
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
Excellent thermal stability
24-Jan-2013
STAC250V2-500E STMICROELECTRONICS-STAC250V2-500E Datasheet
455Kb / 13P
Operating frequency up to 27 MHz
07-Oct-2015
More results

Similar Description - STAC0912-250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLA1011-10 PHILIPS-BLA1011-10 Datasheet
72Kb / 9P
Avionics LDMOS transistor
2003 Nov 19
BLA1011-2 PHILIPS-BLA1011-2 Datasheet
73Kb / 9P
Avionics LDMOS transistor
2003 Nov 19
BLA0912-250 PHILIPS-BLA0912-250 Datasheet
77Kb / 12P
Avionics LDMOS transistor
Rev. 02-22 July 2004
BLA1011-200 PHILIPS-BLA1011-200 Datasheet
74Kb / 13P
Avionics LDMOS transistor
Rev. 08-26 October 2005
BLA6H0912-500 NXP-BLA6H0912-500 Datasheet
136Kb / 14P
LDMOS avionics radar power transistor
Rev. 03-30 March 2010
BLA6H0912-500 PHILIPS-BLA6H0912-500_15 Datasheet
150Kb / 14P
LDMOS avionics radar power transistor
Rev. 04-10 May 2010
logo
Ampleon Netherlands B.V...
BLA6H0912-500 AMPLEON-BLA6H0912-500 Datasheet
947Kb / 14P
LDMOS avionics radar power transistor
Rev. 05,1 September 2015
BLA6H0912L-1000 AMPLEON-BLA6H0912L-1000 Datasheet
969Kb / 13P
LDMOS avionics power transistor
Rev. 5 ??1 September 2015
BLA9H0912L-1200P AMPLEON-BLA9H0912L-1200P Datasheet
1Mb / 14P
LDMOS avionics power transistor
Rev. 1 ??1 November 2018
BLA9H0912L-250 AMPLEON-BLA9H0912L-250 Datasheet
1Mb / 14P
LDMOS avionics power transistor
Rev. 1 ??14 June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com