Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7293C3B6 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST7293C3B6
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3B6 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST7293C3B6 Datasheet HTML 39Page - STMicroelectronics ST7293C3B6 Datasheet HTML 40Page - STMicroelectronics ST7293C3B6 Datasheet HTML 41Page - STMicroelectronics ST7293C3B6 Datasheet HTML 42Page - STMicroelectronics ST7293C3B6 Datasheet HTML 43Page - STMicroelectronics ST7293C3B6 Datasheet HTML 44Page - STMicroelectronics ST7293C3B6 Datasheet HTML 45Page - STMicroelectronics ST7293C3B6 Datasheet HTML 46Page - STMicroelectronics ST7293C3B6 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 69 page
background image
43/69
ST7294
6.6 EEPROM
Symbol
Parameter
Test Conditio ns
Value
Unit
Min.
Typ.
Max.
TWEE
EEPROM Write Time
0 to 70
°C2
8
ms
Endurance
EEPROM Write/Erase
Cycles
QA Lot
Acceptance Criteria
300.000
> 1 million
cycles
Retention
EEPROM Data Retention TA =55°C10
Years
6.7 TEST CONDITIONS
Details relating to standard test conditions are giv-
en in Table 12 below. The standard electrical Test
Diagram is shown in Figure 22.
The voltage present on the INT pin determines the
device’s operating mode, as described in Table 13
below.
CAUTION:
The INT pin is also used to select an
internal non-user test mode reserved exclusively
for use by SGS-THOMSON Microelectronics. This
non-user mode is entered on the rising edge of the
Reset signal, if:
– the voltage applied to the INT pin is less than
VDD + 0.5V, the device will initialise correctly in
User mode;
– if a “high” voltage (typically > VDD +3V, @ VDD
= +5V) is applied to the pin, the device will start
in a reserved non-user mode.
Under certain operating conditions apparent de-
vice malfunction may be experienced: this may be
described as follows:
During the Reset phase, if the VDD supply risetime
is slow, the Reset rising edge may occur at a volt-
age level lower than the minimum allowed voltage
of 2.5V. In this case, the “high” voltage which
needs to be applied to the INT pin to enter the spe-
cial mode may be as low as 3.5V, and such a volt-
age level may be supplied by the external interrupt
source, thus provoking an apparent system mal-
function.
For this reason it is strongly recommended to
manage the INT pin, either by tying it to V
DD, if un-
used, or by connecting it to VDD via a diode, if it is
to be used: this will avoid unexpected entry into
non-user mode.
Table 12. Equivalent Test Load
Table 13. Device Operating Mode Selection
Figure 22. Test Diagram
VDD =3V
Pins
R1
R2
C
PA0-PA7
PB0-PB7
PC1, PC5, PC6,
PC7
10.91k
Ω
6.32k
Ω
50pF
VDD = 4.5V
Pins
R1
R2
C
PA0-PA7
PB0-PB7
PC1, PC5, PC6,
PC7
3.26k
Ω
2.38k
Ω
50pF
Voltage on INT pin
Operating Mode
VDD
User Mode
VSS
Interrupt
VDD + 3V (typically)
Factory Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com