Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB12NK80Z Datasheet(PDF) 21 Page - STMicroelectronics

Part # STB12NK80Z
Description  N-channel 800 V, 0.65Ω typ., 10.5 A Zener-protected SuperMESH™ Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB12NK80Z Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STB12NK80Z_V01 Datasheet HTML 14Page - STMicroelectronics STB12NK80Z_V01 Datasheet HTML 15Page - STMicroelectronics STB12NK80Z_V01 Datasheet HTML 16Page - STMicroelectronics STB12NK80Z_V01 Datasheet HTML 17Page - STMicroelectronics STB12NK80Z_V01 Datasheet HTML 18Page - STMicroelectronics STB12NK80Z_V01 Datasheet HTML 19Page - STMicroelectronics STB12NK80Z_V01 Datasheet HTML 20Page - STMicroelectronics STB12NK80Z_V01 Datasheet HTML 21Page - STMicroelectronics STB12NK80Z_V01 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
STB12NK80Z, STF12NK80Z, STP12NK80Z, STW12NK80Z
Revision history
Doc ID 9567 Rev 7
21/22
6
Revision history
Table 14.
Document revision history
Date
Revision
Changes
22-Jun-2004
2
Preliminary version.
28-Jan-2005
3
Complete version.
08-Sep-2005
4
Figure 2 and Figure 6 changed.
31-Jul-2006
5
The document has been reformatted.
27-Apr-2007
6
Modified RDS(on) value on Table 5.
28-Aug-2012
7
Inserted new device in TO-220FP.
Updated Table 1: Device summary, Table 2: Absolute maximum
ratings and Table 3: Thermal data.
Updated Section 4: Package mechanical data and Section 5:
Packaging mechanical data.
Minor text changes in the cover page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com