Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STBC15LQTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STBC15LQTR
Description  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15LQTR Datasheet(HTML) 5 Page - STMicroelectronics

  STBC15LQTR Datasheet HTML 1Page - STMicroelectronics STBC15LQTR Datasheet HTML 2Page - STMicroelectronics STBC15LQTR Datasheet HTML 3Page - STMicroelectronics STBC15LQTR Datasheet HTML 4Page - STMicroelectronics STBC15LQTR Datasheet HTML 5Page - STMicroelectronics STBC15LQTR Datasheet HTML 6Page - STMicroelectronics STBC15LQTR Datasheet HTML 7Page - STMicroelectronics STBC15LQTR Datasheet HTML 8Page - STMicroelectronics STBC15LQTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
4
Electrical characteristics
VCHGIN = 5 V, VBAT = 3.6 V, C1 = 10 µF, C2 = 10 µF, VSET0,1 = 0 V; ISET0,1 = 0 V, SM floating, TA = 25 °C, unless
otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
CHGIN
Operating input voltage
Vfloat set 4.2 V,
IFAST < 250 mA
VCHGIN_UVLO
6.5 (1)
V
VBATMIN
Minimum battery voltage
3.2
V
VCHGIN_UVLO
CHGIN undervoltage lockout
threshold - rising
VBAT < VBAT_OVD
3.3
3.5
V
VCHGIN_UVLO_H
CHGIN undervoltage lockout
hysteresis
VBAT < VBAT_OVD
150
mV
ICHARGE
Battery charging current
(CC mode)
0 V < VBAT < VFLOAT
ISET0,1 = CHGIN
36
40
44
mA
0 V < VBAT < VFLOAT
ISET1 = CHGIN, ISET0 = GND
26
30
34
mA
0 V < VBAT < VFLOAT
ISET1 = GND,
ISET0 = CHGIN
16
20
24
mA
0 V < VBAT < VFLOAT
ISET0,1 = GND
8
10
12
mA
VFLOAT
Battery float voltage
(CV mode)
STBC15, IBAT = 10 µA,
VSET0,1 1 = CHGIN, TA = 25 °C
4.180
4.2
4.221
V
STBC15L, IBAT = 10 µA,
VSET0,1 = CHGIN, TA = 25 °C
4.378
4.4
4.422
V
Battery float voltage
(CV mode), temperature
variation (1)
STBC15, IBAT = 10 µA,
VSET0,1 = CHGIN, TA = -40 to 85 °C
4.158
4.2
4.242
V
STBC15L, IBAT= 10 µA,
VSET0,1 = CHGIN, TA= -40 to 85 °C
4.356
4.4
4.444
V
ICC
IC supply current
TA = -40 to 85 °C
580
1000
nA
IBAT
Leakage on BAT pin
VCHGIN = 0 V,
VBAT < VBAT_OVD
4
10
nA
VCHGIN = 0 V, IOUT = 0 A,
VBAT > VBAT_OVD
250
380
nA
Shelf-mode, VCHGIN = 0 V,
VBAT = 4 V
4
10
nA
STBC15
Electrical characteristics
DS12551 - Rev 1
page 5/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com