Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EG80C3EEH0Y Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPC58EG80C3EEH0Y
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EG80C3EEH0Y Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPC58EG80C3EEH0Y Datasheet HTML 12Page - STMicroelectronics SPC58EG80C3EEH0Y Datasheet HTML 13Page - STMicroelectronics SPC58EG80C3EEH0Y Datasheet HTML 14Page - STMicroelectronics SPC58EG80C3EEH0Y Datasheet HTML 15Page - STMicroelectronics SPC58EG80C3EEH0Y Datasheet HTML 16Page - STMicroelectronics SPC58EG80C3EEH0Y Datasheet HTML 17Page - STMicroelectronics SPC58EG80C3EEH0Y Datasheet HTML 18Page - STMicroelectronics SPC58EG80C3EEH0Y Datasheet HTML 19Page - STMicroelectronics SPC58EG80C3EEH0Y Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 139 page
background image
Electrical characteristics
SPC584Gx, SPC58EGx, SPC58NGx
16/139
DS11758 Rev 6
4.2
Absolute maximum ratings
Table 4 describes the maximum ratings for the device. Absolute maximum ratings are stress
ratings only, and functional operation at the maxima is not guaranteed. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Stress beyond the listed maxima, even momentarily, may affect device reliability or cause
permanent damage to the device.
Table 4. Absolute maximum ratings
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VDD_LV
SR
D
Core voltage
operating life
range(1)
—
–0.3
—
1.4
V
VDD_LV_BD
SR
D
Buddy device
voltage
operating life
range(2)
—
–0.3
—
1.5
V
VDD_HV_IO_MAIN
VDD_HV_IO_FLEX
VDD_HV_OSC
VDD_HV_FLA
SR
D
I/O supply
voltage(3)
—
–0.3
—
6.0
V
VSS_HV_ADV
SR
D
ADC ground
voltage
Reference to
digital ground
–0.3
—
0.3
V
VDD_HV_ADV
SR
D
ADC Supply
voltage(3)
Reference to
VSS_HV_ADV
–0.3
—
6.0
V
VSS_HV_ADR_S
SR
D
SAR ADC
ground
reference
—
–0.3
—
0.3
V
VDD_HV_ADR_S
SR
D
SAR ADC
voltage
reference(3)
Reference to
VSS_HV_ADR_S
–0.3
—
6.0
V
VSS-VSS_HV_ADR_S
SR
D
VSS_HV_ADR_S
differential
voltage
—
–0.3
—
0.3
V
VSS-VSS_HV_ADV
SR
D
VSS_HV_ADV
differential
voltage
—
–0.3
—
0.3
V
VIN
SR
D
I/O input voltage
range(3)(4) (5)
—
–0.3
—
6.0
V
Relative to Vss
–0.3
—
—
Relative to
VDD_HV_IO and
VDD_HV_ADV
——
0.3
TTRIN
SR
D
Digital Input pad
transition time(6)
——
—
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com