Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EG80C3EE01Y Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPC58EG80C3EE01Y
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EG80C3EE01Y Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPC58EG80C3EE01Y Datasheet HTML 5Page - STMicroelectronics SPC58EG80C3EE01Y Datasheet HTML 6Page - STMicroelectronics SPC58EG80C3EE01Y Datasheet HTML 7Page - STMicroelectronics SPC58EG80C3EE01Y Datasheet HTML 8Page - STMicroelectronics SPC58EG80C3EE01Y Datasheet HTML 9Page - STMicroelectronics SPC58EG80C3EE01Y Datasheet HTML 10Page - STMicroelectronics SPC58EG80C3EE01Y Datasheet HTML 11Page - STMicroelectronics SPC58EG80C3EE01Y Datasheet HTML 12Page - STMicroelectronics SPC58EG80C3EE01Y Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 139 page
background image
DS11758 Rev 6
9/139
SPC584Gx, SPC58EGx, SPC58NGx
Description
13
External power supplies
3.3 V - 5 V
Low power modes
Stop mode
Halt mode
Smart standby with output controller, analog and digital inputs
Standby mode
Table 2. SPC584Gx, SPC58EGx, SPC58NGx features summary (continued)
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com