Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4565FVT Datasheet(PDF) 2 Page - Rohm

Part # LM4565FVT
Description  Low Noise Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM4565FVT Datasheet(HTML) 2 Page - Rohm

  LM4565FVT Datasheet HTML 1Page - Rohm LM4565FVT Datasheet HTML 2Page - Rohm LM4565FVT Datasheet HTML 3Page - Rohm LM4565FVT Datasheet HTML 4Page - Rohm LM4565FVT Datasheet HTML 5Page - Rohm LM4565FVT Datasheet HTML 6Page - Rohm LM4565FVT Datasheet HTML 7Page - Rohm LM4565FVT Datasheet HTML 8Page - Rohm LM4565FVT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200590-1-2
©2012 ROHM Co., Ltd. All rights reserved.
2/24
15.Apr.2014 Rev.003
TSZ22111・15・001
LM4565xxx
Ordering Information
L
M
4
5
6
5
x
x
x
-
x
x
Part Number
LM4565xxx
Package
F
: SOP8
FJ
: SOP-J8
FV
: SSOP-B8
FVT
: TSSOP-B8
FVM
: MSOP8
FVJ
: TSSOP-B8J
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SOP-J8/SSOP-B8/TSSOP-B8/TSSOP-B8J)
TR: Embossed tape and reel
(MSOP8)
Line-up
Topr
Package
Orderable Part Number
-40°C to +85°C
SOP8
Reel of 2500
LM4565F-E2
SOP-J8
Reel of 2500
LM4565FJ-E2
SSOP-B8
Reel of 2500
LM4565FV-E2
TSSOP-B8
Reel of 3000
LM4565FVT-E2
MSOP8
Reel of 3000
LM4565FVM-TR
TSSOP-B8J
Reel of 2500
LM4565FVJ-E2
Absolute Maximum Ratings (TA=25°C)
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC - VEE
+36
V
Power Dissipation
PD
SOP8
0.68
(Note 1,5)
W
SOP-J8
0.67
(Note 2,5)
SSOP-B8
0.62
(Note 3,5)
TSSOP-B8
0.62
(Note 3,5)
MSOP8
0.58
(Note 4,5)
TSSOP-B8J
0.58
(Note 4,5)
Differential Input Voltage
(Note 6)
VID
+36
V
Input Common-mode
Voltage Range
VICM
(VEE - 0.3) to (VEE + 36)
V
Operating Voltage
Vopr
±2 to ±18
V
Operating Temperature
Topr
- 40 to +85
°C
Storage Temperature
Tstg
- 55 to +150
°C
Maximum
Junction Temperature
TJmax
+150
°C
(Note 1) When used at temperature above TA=25°C, reduce by 5.5mW/°C.
(Note 2) When used at temperature above TA=25°C, reduce by 5.4mW/°C.
(Note 3) When used at temperature above TA=25°C, reduce by 5.0mW/°C.
(Note 4) When used at temperature above TA=25°C, reduce by 4.7mW/°C.
(Note 5) Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
(Note 6) The differential input voltage is the voltage difference between inverting input and non-inverting input.
Input terminal voltage is set to more than VEE.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com