Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2903FVT Datasheet(PDF) 16 Page - Rohm

Part # LM2903FVT
Description  Ground Sense Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM2903FVT Datasheet(HTML) 16 Page - Rohm

Back Button LM2903FVT Datasheet HTML 12Page - Rohm LM2903FVT Datasheet HTML 13Page - Rohm LM2903FVT Datasheet HTML 14Page - Rohm LM2903FVT Datasheet HTML 15Page - Rohm LM2903FVT Datasheet HTML 16Page - Rohm LM2903FVT Datasheet HTML 17Page - Rohm LM2903FVT Datasheet HTML 18Page - Rohm LM2903FVT Datasheet HTML 19Page - Rohm LM2903FVT Datasheet HTML 20Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Datasheet
www.rohm.com
TSZ02201-0GOG0G200770-1-2
©2015 ROHM Co., Ltd. All rights reserved.
16/37
15.Jul.2016 Rev.002
TSZ22111
• 15 • 001
LM393xxx
LM339xxx
LM2903xxx
LM2901xxx
Application Information
NULL method condition for Test Circuit 1
VCC, VEE, EK, VICM, VRL Unit: V; RL Unit: Ohms
Parameter
VF
SW1
SW2
SW3
VCC
VEE
EK
VICM
VRL
RL
Calculation
Input Offset Voltage
VF1
ON
ON
ON
5 to 32
0
-1.4
0
5 to 32
5.1k
1
Input Offset Current
VF2
OFF
OFF
ON
5
0
-1.4
0
5
10k
2
Input Bias Current
VF3
OFF
ON
ON
5
0
-1.4
0
5
10k
3
VF4
ON
OFF
Large Signal Voltage Gain
VF5
ON
ON
ON
15
0
-1.4
0
15
15k
4
VF6
-11.4
- Calculation -
1. Input Offset Voltage (VIO)
2. Input Offset Current (IIO)
3. Input Bias Current (IB)
4. Large Signal Voltage Gain (AV)
VIO =
1 + RF/RS
[V]
|VF1|
IIO =
RI x (1 + RF/RS)
[A]
|VF2 - VF1|
IB =
2 x RI x (1 + RF/RS)
[A]
|VF4 - VF3|
Av = 20Log
|VF6 - VF5|
E
K × (1+RF/RS)
[dB]
Figure 39. Test Circuit 1 (One Channel Only)
VICM
RS=50Ω
RS=50Ω
RF=50kΩ
RI=10kΩ
RI=10kΩ
SW1
SW2
50kΩ
SW3
RL
EK
500k
Ω
500k
Ω
1000pF
(Note 18)
VF
0.0
1μF
(Note 18)
15V
-15V
VCC
VEE
VOUT
V
NULL
DUT
VRL
0.01uF
0.01uF
(Note 18)
Use 1uF capacitor for Input Bias Current and Input Offset Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com